Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU21182FS Datasheet(PDF) 11 Page - Rohm

Part # BU21182FS
Description  Capacitive Switch Controller IC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21182FS Datasheet(HTML) 11 Page - Rohm

Back Button BU21182FS Datasheet HTML 7Page - Rohm BU21182FS Datasheet HTML 8Page - Rohm BU21182FS Datasheet HTML 9Page - Rohm BU21182FS Datasheet HTML 10Page - Rohm BU21182FS Datasheet HTML 11Page - Rohm BU21182FS Datasheet HTML 12Page - Rohm BU21182FS Datasheet HTML 13Page - Rohm BU21182FS Datasheet HTML 14Page - Rohm BU21182FS Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
11/40
© 2019 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
• 15 • 001
BU21182FS
TSZ02201-0L5L0F301170-1-2
05.Feb.2019 Rev.001
Register Map
Unless otherwise specified oscillator frequency is 50MHz.
Accessing the reserved area is prohibited.
Initial value is the value after initialization by MPU.
Status Register
Address
R/W
Initial
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x00
R
0x00
DATA_CS0[7:0]
0x01
R
0x00
DATA_CS1[7:0]
0x02
R
0x00
DATA_CS2[7:0]
0x03
R
0x00
DATA_CS3[7:0]
0x04
R
0x00
DATA_CS4[7:0]
0x05
R
0x00
DATA_CS5[7:0]
0x06
R
0x00
DATA_CS6[7:0]
0x07
R
0x00
DATA_CS7[7:0]
0x08
R
0x00
DATA_CS8[7:0]
0x09
R
0x00
DATA_CS9[7:0]
0x0A
R
0x00
DATA_CS10[7:0]
0x0B
R
0x00
DATA_CS11[7:0]
0x0C
R
0x00
DATA_CS12[7:0]
0x0D
R
0x00
DATA_CS13[7:0]
0x0E
R
0x00
DATA_CS14[7:0]
0x0F
R
0x00
DATA_CS15[7:0]
0x10
R
0x00
DATA_CS16[7:0]
0x11
R
0x00
DATA_CS17[7:0]
0x12
R
0x00
DATA_CS18[7:0]
0x13
R
0x00
DATA_CS19[7:0]
0x14
-
-
RESERVED
0x15
R
0x00
FDATA_CS0[15:8]
0x16
R
0x00
FDATA_CS0[7:0]
0x17
R
0x00
FDATA_CS1[15:8]
0x18
R
0x00
FDATA_CS1[7:0]
0x19
R
0x00
FDATA_CS2[15:8]
0x1A
R
0x00
FDATA_CS2[7:0]
0x1B
R
0x00
FDATA_CS3[15:8]
0x1C
R
0x00
FDATA_CS3[7:0]
0x1D
R
0x00
FDATA_CS4[15:8]
0x1E
R
0x00
FDATA_CS4[7:0]
0x1F
R
0x00
FDATA_CS5[15:8]
0x20
R
0x00
FDATA_CS5[7:0]
0x21
R
0x00
FDATA_CS6[15:8]
0x22
R
0x00
FDATA_CS6[7:0]
0x23
R
0x00
FDATA_CS7[15:8]
0x24
R
0x00
FDATA_CS7[7:0]
0x25
R
0x00
FDATA_CS8[15:8]
0x26
R
0x00
FDATA_CS8[7:0]
0x27
R
0x00
FDATA_CS9[15:8]
0x28
R
0x00
FDATA_CS9[7:0]
0x29
R
0x00
FDATA_CS10[15:8]
0x2A
R
0x00
FDATA_CS10[7:0]
0x2B
R
0x00
FDATA_CS11[15:8]
0x2C
R
0x00
FDATA_CS11[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com