Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX3602 Datasheet(PDF) 4 Page - Rohm

Part # MCR03EZPFX3602
Description  AC/DC Convertor Isolated PWM type, 12 W (12 V/1.0 A)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR03EZPFX3602 Datasheet(HTML) 4 Page - Rohm

  MCR03EZPFX3602 Datasheet HTML 1Page - Rohm MCR03EZPFX3602 Datasheet HTML 2Page - Rohm MCR03EZPFX3602 Datasheet HTML 3Page - Rohm MCR03EZPFX3602 Datasheet HTML 4Page - Rohm MCR03EZPFX3602 Datasheet HTML 5Page - Rohm MCR03EZPFX3602 Datasheet HTML 6Page - Rohm MCR03EZPFX3602 Datasheet HTML 7Page - Rohm MCR03EZPFX3602 Datasheet HTML 8Page - Rohm MCR03EZPFX3602 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2 / 14
User’s Guide
BM2P134E-EVK-001
© 2021 ROHM Co., Ltd.
No. 63UG097E Rev.001
Feb.2021
Operation Procedure
Operation equipment
(1) AC power supply 90 Vac to 264 Vac, over 20 W
(2) Electronic Load capacity 1.0 A
(3) Multimeter
(4) Power Meter
Connection method
Turn off each power supply and connect the measuring instrument as shown below.
Turn on the power of the measuring instrument and set the input voltage.
When removing the measuring instrument, reduce the input voltage before turning off the power for measurement.
Figure 2. Connection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com