Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX3602 Datasheet(PDF) 7 Page - Rohm

Part # MCR03EZPFX3602
Description  AC/DC Convertor Isolated PWM type, 12 W (12 V/1.0 A)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR03EZPFX3602 Datasheet(HTML) 7 Page - Rohm

Back Button MCR03EZPFX3602 Datasheet HTML 3Page - Rohm MCR03EZPFX3602 Datasheet HTML 4Page - Rohm MCR03EZPFX3602 Datasheet HTML 5Page - Rohm MCR03EZPFX3602 Datasheet HTML 6Page - Rohm MCR03EZPFX3602 Datasheet HTML 7Page - Rohm MCR03EZPFX3602 Datasheet HTML 8Page - Rohm MCR03EZPFX3602 Datasheet HTML 9Page - Rohm MCR03EZPFX3602 Datasheet HTML 10Page - Rohm MCR03EZPFX3602 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
5 / 14
User’s Guide
BM2P134E-EVK-001
© 2021 ROHM Co., Ltd.
No. 63UG097E Rev.001
Feb.2021
Design Reference of Transformer
Manufacturer:
Wurth.
Bobbin:
EE20/10/6 (Vertical)
Core:
EE20/10/6
1
2
3
4
5
10
9
8
7
6
TERM. NO. s FOR REF. ONLY
PART MUST INSERT FULLY TO
SURFACE A IN RECOMMENDED GRID
.028 SQ.(10)
[.70]
.996 MAX.
[25.30]
.138/.157 *
[3.50/4.00]
-A-
.894 MAX
[22.70]
LOT CODE & DATE CODE
DOT LOCATES TERM. #1
.575 MAX.
[14.60]
.400
[10.16]
Ø 0.063(10)
[1.60]
.150(8)
[3.80]
RECOMMENDED
P>C PATTERN, COMPONENT SIDE
Figure 4. Bobbin diagram
Figure 5. Winding structure diagram
Table 4. Wurth Transformer Winding Specification
Coil
Terminal
Turns
Wire
Winding Method
NP1
3-2
32
1 X1UEW 0.25 mm
1 Layer Space
NS1
10-8
10
1 X1TIW 0.55 mm
1 Layer Space
ND
4-5
13
1 X1UEW 0.18 mm
1 Layer Space
NS2
9-7
10
1 X TIW 0.55 mm
1 Layer Space
NP2
2-1
31
1 X1UEW 0.25 mm
1 Layer Space
Inductance (LP):
397 μH ± 10 %
Leakage Inductance:
20 μH Max
Withstand Voltage:
Pri - Sec AC3000 V
Pri - Core AC1800 V
Sec - Core AC1800 V
Insulation resistance:
100 MΩ over (DC500 V)
TAPE
TAPE
TAPE
TAPE
BOBBIN
AUXILLARY (ND)
PRIMARY (NP1)
SECONDARY(NS1)
SECONDARY(NS2)
PRIMARY (NP2)
TAPE
1
2
3
5
4
7
9
8
10
NP2
NP1
ND
NS2
NS1
EE20/10/6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com