Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP380-2ACBZ-RL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADCMP380-2ACBZ-RL7
Description  Ultralow Power Voltage Comparator with Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP380-2ACBZ-RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADCMP380-2ACBZ-RL7 Datasheet HTML 2Page - Analog Devices ADCMP380-2ACBZ-RL7 Datasheet HTML 3Page - Analog Devices ADCMP380-2ACBZ-RL7 Datasheet HTML 4Page - Analog Devices ADCMP380-2ACBZ-RL7 Datasheet HTML 5Page - Analog Devices ADCMP380-2ACBZ-RL7 Datasheet HTML 6Page - Analog Devices ADCMP380-2ACBZ-RL7 Datasheet HTML 7Page - Analog Devices ADCMP380-2ACBZ-RL7 Datasheet HTML 8Page - Analog Devices ADCMP380-2ACBZ-RL7 Datasheet HTML 9Page - Analog Devices ADCMP380-2ACBZ-RL7 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheet
ADCMP380
Rev. B | Page 9 of 10
DEVICE OPTIONS
Table 6. Reference Voltage (VREF) Options (TA= −40°C to +85°C)
Model Number
Min
Typ
Max
Unit
ADCMP380-1
0.984
1
1.016
V
ADCMP380-2
0.489
0.5
0.511
V
Figure 16. Ordering Code Structure
ADCMP380-_ A_ _Z-RL7
MODEL NUMBER
(1 OR 2)
TEMPERATURE RANGE
A: –40°C TO +85°C
PACKAGE DESIGNATON
CB: WLCSP
Z = LEAD-FREE
PACKING MATERIAL
RL7 = 7" TAPE AND REEL
(3000 PIECE QUANTITY)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com