Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP380-2ACBZ-RL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADCMP380-2ACBZ-RL7
Description  Ultralow Power Voltage Comparator with Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP380-2ACBZ-RL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCMP380-2ACBZ-RL7 Datasheet HTML 2Page - Analog Devices ADCMP380-2ACBZ-RL7 Datasheet HTML 3Page - Analog Devices ADCMP380-2ACBZ-RL7 Datasheet HTML 4Page - Analog Devices ADCMP380-2ACBZ-RL7 Datasheet HTML 5Page - Analog Devices ADCMP380-2ACBZ-RL7 Datasheet HTML 6Page - Analog Devices ADCMP380-2ACBZ-RL7 Datasheet HTML 7Page - Analog Devices ADCMP380-2ACBZ-RL7 Datasheet HTML 8Page - Analog Devices ADCMP380-2ACBZ-RL7 Datasheet HTML 9Page - Analog Devices ADCMP380-2ACBZ-RL7 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ADCMP380
Data Sheet
Rev. B | Page 10 of 10
OUTLINE DIMENSIONS
Figure 17. 6-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-6-17)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Marking Code
ADCMP380-1ACBZ-RL7
−40°C to +85°C
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-17
CW
ADCMP380-2ACBZ-RL7
−40°C to +85°C
6-Ball Wafer Level Chip Scale Package [WLCSP]
CB-6-17
LQZ
ADCMP380-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
A
B
C
0.660
0.600
0.540
0.390
0.360
0.330
0.270
0.240
0.210
1.000
0.960
0.920
1.500
1.460
1.420
1
2
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
0.360
0.320
0.280
1.00
REF
0.50
BSC
BALL A1
IDENTIFIER
SEATING
PLANE
0.50 BSC
COPLANARITY
0.04
©2015–2021 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12783-4/21(B)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com