Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD2931-10 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD2931-10
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2931-10 Datasheet(HTML) 3 Page - STMicroelectronics

  SD2931-10 Datasheet HTML 1Page - STMicroelectronics SD2931-10 Datasheet HTML 2Page - STMicroelectronics SD2931-10 Datasheet HTML 3Page - STMicroelectronics SD2931-10 Datasheet HTML 4Page - STMicroelectronics SD2931-10 Datasheet HTML 5Page - STMicroelectronics SD2931-10 Datasheet HTML 6Page - STMicroelectronics SD2931-10 Datasheet HTML 7Page - STMicroelectronics SD2931-10 Datasheet HTML 8Page - STMicroelectronics SD2931-10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
SD2931-10
-25
0
25
50
75
100
Tc, CASE TEMPERATURE (°C)
0.8
0.84
0.88
0.92
0.96
1
1.04
1.08
1.12
Id =.25A
Id =.1A
Id =1A
Id =2A
Id =4A
Id =11A
Id =5A
Id =7A
Id =9A
Id =10A
Vds= 10 V
25
35
45
55
65
75
85
Tc, CASE TEMPERATURE (°C)
0.44
0.48
0.52
0.56
0.6
1
10
100
1000
Vds(V)
1
10
100
(1) Current in this area may be limited by Rds(on)
(1)
TYPICAL PERFORMANCE
Capacitance vs. Drain-Source Voltage
0
102030
4050
VDS, DRAIN-SOURCE VOLTAGE (V)
10
100
1000
10000
Ciss
Coss
Crss
f =1MHz
Drain Current vs. Gate Voltage
2
2.533.5
4
4.555.5
6
VGS, GATE-SOURCE VOLTAGE (V)
0
5
10
15
20
Tc=-20 °C
Tc=+25 °C
Tc=+80 °C
VDS = 10 V
Gate-Source Voltage vs. Case Temperature
Maximum Thermal Resistance vs. Case Temperature
Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com