Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD2931-10 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD2931-10
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2931-10 Datasheet(HTML) 4 Page - STMicroelectronics

  SD2931-10 Datasheet HTML 1Page - STMicroelectronics SD2931-10 Datasheet HTML 2Page - STMicroelectronics SD2931-10 Datasheet HTML 3Page - STMicroelectronics SD2931-10 Datasheet HTML 4Page - STMicroelectronics SD2931-10 Datasheet HTML 5Page - STMicroelectronics SD2931-10 Datasheet HTML 6Page - STMicroelectronics SD2931-10 Datasheet HTML 7Page - STMicroelectronics SD2931-10 Datasheet HTML 8Page - STMicroelectronics SD2931-10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SD2931-10
4/10
TYPICAL PERFORMANCE (175 MHz)
Output Power vs. Input Power
0
5
10
15
20
25
Pin, INPUT POWER (W)
0
30
60
90
120
150
180
210
240
270
f= 175MHz
Idq= 250mA
Vdd= 40V
Vdd= 50V
Output Power vs. Input Power
0
5
10
15
20
25
Pin, INPUT POWER(W)
0
30
60
90
120
150
180
210
240
270
Vdd= 50V
Idq= 250mA
f= 175MHz
Tc =-20 °C
Tc =+25 °C
Tc =+80 °C
Power Gain vs. Output Power
0
50
100
150
200
250
Pout, OUTPUT POWER (W)
6
8
10
12
14
16
18
Vdd=50V
Idq=250mA
f=175Mhz
Drain Current vs. Gate-Source Voltage
Efficiency vs. Output Power
Output Power vs. Supply Voltage
0
50
100
150
200
250
Pout, OUTPUT POWER (W)
20
30
40
50
60
70
80
Vdd=50V
Idq=250mA
f=175Mhz
24
28
32
36
40
44
48
52
Vdd,DRAIN VOLTAGE(V)
0
30
60
90
120
150
180
210
240
270
Pin =2.5W
Pin =5W
Pin =10W
Idq= 250mA
f= 175MHz
2
2.533.544.555.5
6
VGS, GATE-SOURCE VOLTAGE (V)
0
5
10
15
20
Tc=-20 °C
Tc=+25 °C
Tc=+80 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com