Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIK25 Datasheet(PDF) 7 Page - Marathon Special Products

Part # MIK25
Description  Sectional Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

MIK25 Datasheet(HTML) 7 Page - Marathon Special Products

  MIK25 Datasheet HTML 1Page - Marathon Special Products MIK25 Datasheet HTML 2Page - Marathon Special Products MIK25 Datasheet HTML 3Page - Marathon Special Products MIK25 Datasheet HTML 4Page - Marathon Special Products MIK25 Datasheet HTML 5Page - Marathon Special Products MIK25 Datasheet HTML 6Page - Marathon Special Products MIK25 Datasheet HTML 7Page - Marathon Special Products MIK25 Datasheet HTML 8Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Specifications:
•
Insulating material:
•
Nylon- 6/6, grey
•
UL 94V-2 flammability rating
•
100°C / 212°F continuous, 170°C / 338°F
intermittent & short exposure
•
Connector, copper, nickel plated
•
Screws, steel, zinc plated
•
Integrated pressure plate to avoid wire damage
•
For identification labels - see page 95
1
UL File No. E35113, For Fuse Type - 5x20 or 5x25 mm
2
Grounding Lugs are Green/Yellow Nylon
Catalog #
Wire Range
Amps
Volts
Dimensions (mm)
Terminals
per foot
Terminal
Torque
Description
UL
CSA VDE
T
W
H
MIK3
#12-#22 AWG
20
25
26
600
5
42
36
60
5
Terminal
MIK5
#10-#22 AWG
30
25
24
600
6
42
38
50
13.3
Terminal
MIK10
#8-#22 AWG
50
50
61
600
8
42
44
38
13.3
Terminal
MIK16
#6-#22 AWG
65
68
82
600
10
42
44
30
18
Terminal
MIK25
#4-#8 AWG
85
70
108
600
12
50
48
25
53
Terminal
MIKTS4
#12-#22 AWG
20
20
16
300
6
42
53
50
-
Disconnect
MIKSI5
#10-#20 AWG
10
-
6
300
8
60
47
38
-
Fused Terminal 1
MIKE4
#10-#22 AWG
-
-
-
-
7
56
38
-
8.0
Grounding Lug 2
MIKE10
#8 AWG
-
-
-
-
8
56
44
-
13.3
Grounding Lug 2
MIKE16
#6 AWG
-
-
-
-
10
56
44
-
18
Grounding Lug 2
Dimensions:
H
= Height
W = Width
T
= Thickness
W
H
T
Standards:
•
UL recognized file no. XCFR2.E62806
•
CSA certified file no. LR700930
•
VDE
•
CE compliant
•
RoHS compliant
Terminal
(MIK5)
Disconnect Terminal
(MIKTS4)
Fused Terminal
(MIKSI5)
Grounding Lug
(MIKE10)
DIN (Euro-Style) Sectionals
WWW.MARATHONSP.COM
419-352-8441
94
Sectional Terminal Blocks



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com