Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIK25 Datasheet(PDF) 8 Page - Marathon Special Products

Part # MIK25
Description  Sectional Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

MIK25 Datasheet(HTML) 8 Page - Marathon Special Products

  MIK25 Datasheet HTML 1Page - Marathon Special Products MIK25 Datasheet HTML 2Page - Marathon Special Products MIK25 Datasheet HTML 3Page - Marathon Special Products MIK25 Datasheet HTML 4Page - Marathon Special Products MIK25 Datasheet HTML 5Page - Marathon Special Products MIK25 Datasheet HTML 6Page - Marathon Special Products MIK25 Datasheet HTML 7Page - Marathon Special Products MIK25 Datasheet HTML 8Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Hardware
MIK3
MIK5
MIK10
MIK16
MIK25
MIKTS4
MIKS15
Insulating End Sections
MIW2
MIW4
MIW16
MIW16
MIW50
MIW4
-
Insulating Partitions
MIW4
MIW16
MIW50
MIW50
MIW70
-
MIW50
2-Position Jumper
MVB2-2
MVB4-2
MVB6-2
MVB16-2
MVB25
-
-
12-Position Jumper
MVB2-12
MVB4-12
MVB6-12
MVB16-12
-
-
-
Connecting Strap
MVL2-2
MVL4-2
MVL6-2
MVL16-2
MVL25
-
-
Safety Cover
MKAW2
MKAW10
MKAW16
MKAW25
-
-
End Bracket/Anchor
MSK35
DIN Rail
MN35-2
MSK35 - End Bracket Securing Torque 7-9 lb-in (.8-1 N-m)
Ordering Code:
MSH
5
P
B
H
1-10
LABELS
PRINTED/UNPRINTED
P = Printed
U = Unprinted
BLOCK SIZE
5 = 5 mm (Fits all sizes)
6 = 6 mm (Fits 6 mm & Larger)
8 = 8 mm (Fits 8-10 mm)
10 = 10 mm
SPECIFY PRINTING
Universal Identification Labels Type MSH
Specifications:
•
Available plain, with numbers, letters or symbols
•
Can be labeled vertically or horizontally
•
Single label MSH 5 can be used for all sizes
•
MSH5 & 6 are sold in ten strips of ten,
MSH8 & 10 are sold in ten strips of five
•
RoHS compliant
ORIENTATION
H = Horizontal
V = Vertical
1 2
TYPE OF PRINTING
A = Each Strip Printed Identical (Example: All “T”)
B = Each Strip Printed in Sequence (Example: 1-10)
C = Custom
Hardware:
•
Insulating end sections - cover the last terminal of an assembly
•
Insulating partitions - for visual and electrical separation of terminals grouped on DIN rail
•
2-position jumpers - connect two adjacent terminals (middle portion snaps off to assemble)
•
12-position jumpers - connects up to 12 adjacent terminals (middle portion snaps off to assemble)
•
Jumper can be easily cut to length to connect smaller assemblies
•
Connecting strap - for linking two adjacent 12-pole jumpers
•
Safety cover - cover with warning label for line terminals which cannot be disconnected
•
End brackets - anchors on both ends of terminal assemblies to hold the assembly in place
•
DIN rail - standard 35 x 7.5 mm DIN rail, cut in 2 meter lengths with slots for mounting (steel, zinc plated)
DIN (Euro-Style) Sectionals
PLEASE CALL OR VISIT OUR WEBSITE FOR MORE INFORMATION ON PRODUCTS AND PRICING
95
Sectional Terminal Blocks



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com