Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51-040.005. Datasheet(PDF) 32 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 32 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 28Page - EAO AG. 51-040.005. Datasheet HTML 29Page - EAO AG. 51-040.005. Datasheet HTML 30Page - EAO AG. 51-040.005. Datasheet HTML 31Page - EAO AG. 51-040.005. Datasheet HTML 32Page - EAO AG. 51-040.005. Datasheet HTML 33Page - EAO AG. 51-040.005. Datasheet HTML 34Page - EAO AG. 51-040.005. Datasheet HTML 35Page - EAO AG. 51-040.005. Datasheet HTML 36Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
30
01.2010
51
Accessories
Continuation see next page
Note:
AC operation through halve-wave rectifier possible, slight flickering can occure.
for lamp voltage reduction
Continuation see next page
Please keep to the country specific security rules.
for fitting with series resistors
Continuation see next page
Single-LED
Socket
Light colour
Operating voltage/-current
Typ-Nr.
e
Single-LED
T1 3/4 MG
blue
12 VAC/DC, 7/14 mA
10-2J09.1066
0.002
24 VAC/DC, 7/14 mA
10-2J12.1066
0.002
28 VAC/DC, 7/14 mA
10-2J13.1066
0.002
48 VAC/DC, 4/8 mA
10-2J19.1046
0.002
6 VDC, 15 mA
10-2J06.3146
0.002
green
12 VAC/DC, 4/7 mA
10-2J09.1065
0.002
24 VAC/DC, 4/7 mA
10-2J12.1065
0.002
28 VAC/DC, 4/7 mA
10-2J13.1065
0.002
48 VAC/DC, 2/4 mA
10-2J19.1045
0.002
6 VDC, 7 mA
10-2J06.3145
0.002
red
12 VAC/DC, 7/14 mA
10-2J09.1062
0.002
24 VAC/DC, 7/14 mA
10-2J12.1062
0.002
28 VAC/DC, 7/14 mA
10-2J13.1062
0.002
48 VAC/DC, 4/8 mA
10-2J19.1042
0.002
6 VDC, 15 mA
10-2J06.3142
0.002
white diffuse
12 VAC/DC, 7/14 mA
10-2J09.1069
0.002
24 VAC/DC, 7/14 mA
10-2J12.1069
0.002
28 VAC/DC, 7/14 mA
10-2J13.1069
0.002
48 VAC/DC, 4/8 mA
10-2J19.1049
0.002
6 VDC, 15 mA
10-2J06.3149
0.002
yellow
12 VAC/DC, 7/14 mA
10-2J09.1064
0.002
24 VAC/DC, 7/14 mA
10-2J12.1064
0.002
28 VAC/DC, 7/14 mA
10-2J13.1064
0.002
48 VAC/DC, 4/8 mA
10-2J19.1044
0.002
6 VDC, 15 mA
10-2J06.3144
0.002
Series resistor
Operating voltage
Typ-Nr.
e
Series resistor
10 k
Ω, for filament lamp 48 VAC, 25 mA
230/240 V
02-904.7
0.003
2.7 k
Ω, for filament lamp 48 VAC, 25 mA
110 V
02-904.0
0.003
3.3 k
Ω, for filament lamp 48 VAC, 25 mA
125 V
02-904.1
0.003
4.7 k
Ω, for filament lamp 48 VAC, 25 mA
145 V
02-904.3
0.003
Terminal plate empty
Typ-Nr.
e
Terminal plate empty
10 spaces 125 x 60 x 15 mm
02-912.2
0.045
15 spaces 187.5 x 60 x 15 mm
02-912.3
0.090
20 spaces 250 x 60 x 15 mm
02-912.4
0.095
5 spaces 62.5 x 60 x 15 mm
02-912.1
0.025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com