Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51-040.005. Datasheet(PDF) 11 Page - EAO AG.

Part # 51-040.005.
Description  Switches and Indicators
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

51-040.005. Datasheet(HTML) 11 Page - EAO AG.

Back Button 51-040.005. Datasheet HTML 7Page - EAO AG. 51-040.005. Datasheet HTML 8Page - EAO AG. 51-040.005. Datasheet HTML 9Page - EAO AG. 51-040.005. Datasheet HTML 10Page - EAO AG. 51-040.005. Datasheet HTML 11Page - EAO AG. 51-040.005. Datasheet HTML 12Page - EAO AG. 51-040.005. Datasheet HTML 13Page - EAO AG. 51-040.005. Datasheet HTML 14Page - EAO AG. 51-040.005. Datasheet HTML 15Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
51
Devices raised mounting
9
01.2010
Continuation see next page
Other lock numbers on request
Switching system: LL = Low level switching element, SA = Snap-action switching element
Contacts: NC = Normally closed, NO = Normally open
Switching action: MA = Maintained action, M = Momentary action
Terminals: UT = Universal terminal, S = Soldering terminal, S1 = Soldering terminal (also pluggable 2.8 x 0.5 mm)
Component layout from page 40, Mounting dimensions from page 41, Technical drawing from page 42, Circuit drawing from page 47
Keylock switch 2 positions
0
b 18 x 18 mm
Typ-Nr.
a 18 x 24 mm
Typ-Nr.
Ø 18 mm
Typ-Nr.
e
Keylock switch 2 positions
Position A : Basic position
Position C : Maintained action
Standard lock 311
Front : Plastic black
IP 65 LL 1 NC + 1 NO MA UT A
51-445.036D
51-405.036D
51-415.036D
4 2 14760.017
C
51-448.036D
51-408.036D
51-418.036D
4 2 14760.017
C + A 51-442.036D
51-402.036D
51-412.036D
4 2 14760.017
2 NO
MA UT A
51-444.036D
51-404.036D
51-414.036D
4 2 14770.017
C
51-447.036D
51-407.036D
51-417.036D
4 2 14770.017
C + A 51-441.036D
51-401.036D
51-411.036D
4 2 14770.017
SA 1 NC + 1 NO MA S
A
51-255.025D2 51-295.025D2
51-235.025D2
2 14720.016
C
51-355.025D2 51-395.025D2
51-335.025D2
2 14720.016
C + A 51-155.025D2 51-195.025D2
51-135.025D2
2 14720.016
S1 A
51-255.022D
51-295.022D
51-235.022D
2 14720.016
C
51-355.022D
51-395.022D
51-335.022D
2 14720.016
C + A 51-155.022D
51-195.022D
51-135.022D
2 14720.016
2 NC + 2 NO MA S
A
51-256.025D2 51-296.025D2 51-236.025D2
2 14730.016
C
51-356.025D2 51-396.025D2 51-336.025D2
2 14730.016
C + A 51-156.025D2 51-196.025D2 51-136.025D2
2 14730.016
3 NC + 3 NO MA S
A
51-257.025D2 51-297.025D2
51-237.025D2
2 14740.016
C
51-357.025D2 51-397.025D2
51-337.025D2
2 14740.016
C + A 51-157.025D2 51-197.025D2
51-137.025D2
2 14740.016
4 NC + 4 NO MA S
A
51-258.025D2 51-298.025D2
51-238.025D2
2 14750.016
C
51-358.025D2 51-398.025D2
51-338.025D2
2 14750.016
C + A 51-158.025D2 51-198.025D2
51-138.025D2
2 14750.016
Position A : Basic position
Position C : Momentary action
Standard lock 311
Front : Plastic black
IP 65 LL 1 NC + 1 NO M
UT A
51-458.036D
51-428.036D
51-438.036D
4 2 14700.017
2 NO
M
UT A
51-457.036D
51-427.036D
51-437.036D
4 2 14710.017
SA 1 NC + 1 NO M
S
A
51-145.025D2 51-495.025D2
51-141.025D2
2 14660.016
S1 A
51-145.022D
51-495.022D
51-141.022D
2 14660.016
2 NC + 2 NO M
S
A
51-146.025D2 51-496.025D2 51-142.025D2
2 14670.016
3 NC + 3 NO M
S
A
51-147.025D2 51-497.025D2
51-143.025D2
2 14680.016
4 NC + 4 NO M
S
A
51-148.025D2 51-498.025D2
51-144.025D2
2 14690.016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com