Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7181CBSTZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADV7181CBSTZ
Description  10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181CBSTZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7181CBSTZ Datasheet HTML 6Page - Analog Devices ADV7181CBSTZ Datasheet HTML 7Page - Analog Devices ADV7181CBSTZ Datasheet HTML 8Page - Analog Devices ADV7181CBSTZ Datasheet HTML 9Page - Analog Devices ADV7181CBSTZ Datasheet HTML 10Page - Analog Devices ADV7181CBSTZ Datasheet HTML 11Page - Analog Devices ADV7181CBSTZ Datasheet HTML 12Page - Analog Devices ADV7181CBSTZ Datasheet HTML 13Page - Analog Devices ADV7181CBSTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADV7181C
Data Sheet
Rev. E | Page 10 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
64 63 62
61
60 59 58
57 56 55 54 53 52 51 50 49
47
AIN4
46
AIN3
45
NC
42
CML
43
AGND
44
CAPC2
48
AIN5
41
REFOUT
40
AVDD
39
CAPY2
37
AGND
36
AIN2
35
AIN1
34
FB
33
NC
38
CAPY1
2
HS/CS
3
DGND
4
DVDDIO
7
P13
6
P14
5
P15
1
INT
8
P12
9
SFL/SYNC_OUT
10
DGND
12
P11
13
P10
14
P9
15
P8
16
P7
11
DVDDIO
17 18
19
20
21 22 23
24 25 26
27 28 29 30 31 32
PIN 1
ADV7181C
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
Figure 6. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
INT
O
Interrupt. This pin can be active low or active high. When SDP/CP status bits
change, this pin is triggered. The set of events that triggers an interrupt is
under user control.
2
HS/CS
O
HS: Horizontal Synchronization Output Signal (SDP and CP Modes).
CS: Digital Composite Synchronization Signal (CP Mode).
3, 10, 24, 57
DGND
G
Digital Ground.
4, 11
DVDDIO
P
Digital I/O Supply Voltage (3.3 V).
28 to 25, 19 to 12, 8 to 5,
62 to 59
P0 to P19
O
Video Pixel Output Port. Refer to Table 10 for output configuration modes.
9
SFL/SYNC_OUT
O
SFL: Subcarrier Frequency Lock. This pin contains a serial output stream that
can be used to lock the subcarrier frequency when this decoder is connected
to any Analog Devices digital video encoder.
SYNC_OUT: Sliced Synchronization Output Signal Available Only in CP Mode.
20
LLC
O
Line-Locked Output Clock. This pin is for the pixel data (the range is
12.825 MHz to 110 MHz).
21
XTAL1
O
This pin should be connected to the 28.63636 MHz crystal or left as a no connect
if an external 3.3 V, 28.63636 MHz clock oscillator source is used to clock the
ADV7181C. In crystal mode, the crystal must be a fundamental crystal.
22
XTAL
I
Input pin for 28.63636 MHz crystal, or can be overdriven by an external 3.3 V,
28.63636 MHz clock oscillator source to clock the ADV7181C.
23, 58
DVDD
P
Digital Core Supply Voltage (1.8 V).
29
PWRDWN
I
A Logic 0 on this pin places the ADV7181C in a power-down mode.
30
ELPF
O
The recommended external loop filter must be connected to this ELPF pin.
31
PVDD
P
PLL Supply Voltage (1.8 V).
32, 37, 43
AGND
G
Analog Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com