Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7181CBSTZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADV7181CBSTZ
Description  10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181CBSTZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7181CBSTZ Datasheet HTML 7Page - Analog Devices ADV7181CBSTZ Datasheet HTML 8Page - Analog Devices ADV7181CBSTZ Datasheet HTML 9Page - Analog Devices ADV7181CBSTZ Datasheet HTML 10Page - Analog Devices ADV7181CBSTZ Datasheet HTML 11Page - Analog Devices ADV7181CBSTZ Datasheet HTML 12Page - Analog Devices ADV7181CBSTZ Datasheet HTML 13Page - Analog Devices ADV7181CBSTZ Datasheet HTML 14Page - Analog Devices ADV7181CBSTZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADV7181C
Rev. E | Page 11 of 20
Pin No.
Mnemonic
Type1
Description
33, 45
NC
No Connect. These pins are not connected internally.
34
FB
I
Fast Switch Overlay Input. This pin switches between CVBS and RGB analog signals.
35, 36, 46, 47, 48, 49
A
IN1 to AIN6
I
Analog Video Input Channels.
38, 39
CAPY1, CAPY2
I
ADC Capacitor Network. See Figure 9 for a recommended capacitor network
for this pin.
40
AVDD
P
Analog Supply Voltage (3.3 V).
41
REFOUT
O
Internal Voltage Reference Output. See Figure 9 for a recommended capacitor
network for this pin.
42
CML
O
Common-Mode Level Pin (CML) for the Internal ADCs. See Figure 9 for a
recommended capacitor network for this pin.
44
CAPC2
I
ADC Capacitor Network. See Figure 9 for a recommended capacitor network
for this pin.
50
SOG/SOY
I
Sync on Green/Sync on Luma Input. Used in embedded synchronization mode.
51
RESET
I
System Reset Input, Active Low. A minimum low reset pulse width of 5 ms
is required to reset the ADV7181C circuitry.
52
ALSB
I
This pin selects the I2C address for the ADV7181C control and VBI readback
ports. ALSB set to Logic 0 sets the address for a write to Control Port 0x40 and
the readback address for VBI Port 0x21. ALSB set to a Logic 1 sets the address
for a write to Control Port 0x42 and the readback address for VBI Port 0x23.
53
SDATA
I/O
I2C Port Serial Data Input/Output Pin.
54
SCLK
I
I2C Port Serial Clock Input. Maximum clock rate of 400 kHz.
55
VS_IN
I
VS Input Signal. Used in CP mode for 5-wire timing mode.
56
HS_IN/CS_IN
I
This pin can be configured in CP mode to be either a digital HS input signal or
a digital CS input signal used to extract timing in a 5-wire or 4-wire RGB mode.
63
FIELD/DE
O
Field Synchronization Output Signal (All Interlaced Video Modes). This pin
also can be enabled as a data enable signal (DE) in CP mode to allow direct
connection to a HDMI/DVI Tx IC.
64
VS
O
Vertical Synchronization Output Signal (SDP and CP Modes).
1 G = ground, I = input, O = output, I/O = input/output, and P = power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com