Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8045 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM8045
Description  Inverting/SEPIC μModule Converter with Up to 700mA Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 6 Page - Analog Devices

  LTM8045 Datasheet HTML 1Page - Analog Devices LTM8045 Datasheet HTML 2Page - Analog Devices LTM8045 Datasheet HTML 3Page - Analog Devices LTM8045 Datasheet HTML 4Page - Analog Devices LTM8045 Datasheet HTML 5Page - Analog Devices LTM8045 Datasheet HTML 6Page - Analog Devices LTM8045 Datasheet HTML 7Page - Analog Devices LTM8045 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
dc1533af
DEMO MANUAL DC1533A
PARTS LIST
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
1
C1
CAP., X7R, 4.7μF, 25V, 10%, 1206
NIC, NMC1206X7R475K25TRPLPF
2
1
C2
CAP., X5R, 22μF, 16V, 10%, 1206
AVX, 1206YD226KAT2A
3
1
C3
CAP., X7R, 10nF, 16V, 10%, 0603
AVX, 0603YC103KAT2A
4
1
R1
RES., CHIP, 130k, 1% ,0603
VIAHSY, CRCW0603130KFKEA
5
1
R2
RES., CHIP, 60.4k, 1% , 0603
VISHAY, CRCW060360K4FKED
6
1
U1
I.C., LTM8045EY#PBF, BGA
LINEAR TECH., LTM8045EY#PBF
Optional Demo Circuit Components
1
0
CIN1
CAP., SMT, 47μF, 50V
SUNCON, 50CE47BS
2
0
C4
CAP., X7R, 47μF, 16V, 20%, 1210
3
0
C5
CAP., X7R, 4.7μF, 25V, 10%, 1206
4
0
L1, L2
IND., 1.0μH, 20%,1812
MURATA, LQH43CN1R0M03
5
0
R3
RES., 0603
6
0
R4
RES., CHIP, 0Ω, 0603
VISHAY, CRCW06030000Z0EA
7
0
R5, R6
RES., CHIP, 0603
Hardware
1
6
E1-E6
TESTPOINT, TURRET, .095"
MILL-MAX, 2501-2-00-80-00-00-07-0
2
1
JP1
2MM SINGLE ROW HEADER, 3 PIN
SAMTEC, TMM-103-02-L-S
3
1
XJP1
SHUNT, .079" CENTER
SAMTEC, 2SN-BK-G
4
4
(STAND-OFF)
STAND-OFF, NYLON 0.375" TALL
KEYSTONE, 8832(SNAP ON)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com