Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8045 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM8045
Description  Inverting/SEPIC μModule Converter with Up to 700mA Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 2 Page - Analog Devices

  LTM8045 Datasheet HTML 1Page - Analog Devices LTM8045 Datasheet HTML 2Page - Analog Devices LTM8045 Datasheet HTML 3Page - Analog Devices LTM8045 Datasheet HTML 4Page - Analog Devices LTM8045 Datasheet HTML 5Page - Analog Devices LTM8045 Datasheet HTML 6Page - Analog Devices LTM8045 Datasheet HTML 7Page - Analog Devices LTM8045 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc1533af
DEMO MANUAL DC1533A
QUICK START PROCEDURE
Figure 1. Proper Measurement Equipment Setup
Demo circuit DC1533A is an easy way to evaluate the
performance of the LTM8045. Refer to Figure 1 for the
proper measurement equipment setup and Figure 2 for
the maximum output current versus input voltage, then
follow the procedure below:
NOTE: Do not hot-plug the VIN terminal at high input volt-
ages. Hot-plugging a power supply through wire leads
to the demonstration circuit can cause the voltage on
the extremely low ESR ceramic input capacitor to ring to
twice its DC value. In order to protect the LTM8045, an
aluminum electrolytic capacitor with higher ESR is placed
at the input terminals. This may protect against some, but
not all, input transients due to a hot-plugged power supply.
See Application Note 88 for more details.
NOTE: When measuring the input or output voltage ripple,
care must be taken to avoid a long ground lead on the
oscilloscope probe. Measure the input or output voltage
ripple by touching the probe tip directly across the VIN or
VOUT and GND terminals. See Figure 3 for proper scope
probe technique.
1. Place JP1 in the ON position.
2. Connect the power supply (with power off), load, and
meters as shown in Figure 1.
3. After all connections are made, turn on the input power
and verify that the output voltage is –5V.
NOTE: If the output voltage is too low, temporarily discon-
nect the load to make sure that the load is not set too high.
4. Once the proper output voltage is established, adjust
the load within the operating range and observe the
output voltage regulation, ripple voltage, efficiency and
other parameters.
NOTE: See the section that follows for instructions to
convert DC1533A to a 5VOUT SEPIC with a positive VOUT.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com