Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

910-22720/1 Datasheet(PDF) 1 Page - ept GmbH

Part # 910-22720/1
Description  Power Terminals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPT [ept GmbH]
Direct Link  https://www.ept-connectors.com/
Logo EPT - ept GmbH

910-22720/1 Datasheet(HTML) 1 Page - ept GmbH

  910-22720/1 Datasheet HTML 1Page - ept GmbH 910-22720/1 Datasheet HTML 2Page - ept GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
286
ept GmbH I Tel. +49 (0) 88 61/25 01 0 I Fax +49 (0) 88 61/55 07 I E-Mail sales@ept.de I www.ept.de
5.08 x 7.62 mm
Power Terminals
Accessories
screwed connection or faston contact
Application:
Type:
Termination:
Pitch:
Operational current:
Packaging:
Standard:
On request 90° angled
with 1 terminal
On request angled with
1 or 2 terminals
On request straight with
1 or 2 terminals
For detailed drawings visit www.ept.de


Similar Part No. - 910-22720/1

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
910-00003-TR KSS-910-00003-TR Datasheet
822Kb / 2P
LASERLIGHT SMD WHITE LIGHT EMITTER
1/21
910-00003-WF KSS-910-00003-WF Datasheet
822Kb / 2P
LASERLIGHT SMD WHITE LIGHT EMITTER
1/21
910-00004-IT KSS-910-00004-IT Datasheet
822Kb / 2P
LASERLIGHT SMD WHITE LIGHT EMITTER
1/21
910-00010-TR KSS-910-00010-TR Datasheet
1Mb / 2P
LaserLight SMD 1K
1/2021
910-00010-WF KSS-910-00010-WF Datasheet
1Mb / 2P
LaserLight SMD 1K
1/2021
More results

Similar Description - 910-22720/1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST Datasheet
109Kb / 6P
Aluminum Capacitors Power Eurodin Screw Terminals
31-Oct-08
500PGP-ST VISHAY-500PGP-ST Datasheet
101Kb / 5P
Aluminum Capacitors Power General Purpose Screw Terminals
31-Oct-08
106PED-ST VISHAY-106PED-ST_11 Datasheet
104Kb / 7P
Aluminum Capacitors, Power Eurodin, Screw Terminals
28-Oct-11
500PGP-ST VISHAY-500PGP-ST_13 Datasheet
103Kb / 6P
Aluminum Capacitors, Power General Purpose Screw Terminals
08-May-13
logo
Meder Electronic
MK0241A66B1000W MEDER-MK0241A66B1000W Datasheet
170Kb / 2P
terminals
logo
Molex Electronics Ltd.
62100-7900 MOLEX11-62100-7900 Datasheet
37Kb / 1P
Removal Tool for Ten60 Power Receptacle Terminals
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
06-Sep-17
logo
PHOENIX CONTACT
2836078 PHOENIX-2836078 Datasheet
58Kb / 2P
Power plug, for Inline power-level terminals
logo
Molex Electronics Ltd.
0621007900 MOLEX-0621007900 Datasheet
23Kb / 1P
Removal Tool for Ten60 Power Receptacle Terminals
08/25/2022
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
03-Jun-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com