Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFPH2IW Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CFPH2IW
Description  Classic Series Faceplates
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CFPH2IW Datasheet(HTML) 1 Page - PANDUIT CORP.

  CFPH2IW Datasheet HTML 1Page - PANDUIT CORP. CFPH2IW Datasheet HTML 2Page - PANDUIT CORP. CFPH2IW Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
specifications
Classic series faceplates shall be available in 1, 2,
3, 4, and 6-port single gang for vertical applications
and 2-port single gang for horizontal applications.
Classic series faceplates shall accept all Mini-Com®
Modules for UTP, STP, fiber-optic, and audio/video
applications. Faceplates shall be available in a flush
or sloped design, and available with or without labels.
Sloped design shall increase wall depth to improve
the bend radius control.
technical information
Mounting options:
Screw holes with retention tabs, spaced for single gang openings;
compatible with Panduit wall board adapter
Packaging:
Supplied with two 1" long, #6 – 32 slotted head screws; select styles
include labels and label covers; faceplates without labels include
matching mounting screws to match the faceplate; faceplates
packaged one per bag, ten per box
key features and benefits
Modular
Accepts all Mini-Com® Modules which snap in and out for
easy moves, adds, and changes
Identification
Choice of adhesive labeling or dedicated label pocket for
easy identification
Various port densities
Provides design flexibility
Sloped design
Allows proper bend radius control
Icon slots
Provide data and voice identification on select faceplates
applications
www.panduit.com
Mini-Com® Classic Series Faceplates mount
to any standard size single gang junction box
and can also mount to a wallboard adapter
or raceway mounting brackets. When using
classic series faceplates with Panduit surface
raceway, color matching is guaranteed. Classic
series faceplates with label and label cover
offer a quick and easy way to identify the ports.
Mounting screw colors match the faceplate
for a clean, consistent look. Dedicated sloped
faceplates provide additional room for bend
radius control to help comply with standards.
Select sloped faceplates include icon slots to
help identify the connection.
Mini-Com® Classic Series Faceplates
SPECIFICATION SHEET
Vertical Sloped Faceplates with
Labels and Icon Slots
2-port:
CFPSL2IWY
4-port:
CFPSL4IWY
Vertical Faceplates with Labels
1-port:
CFPL1IWY
2-port:
CFPL2IWY
3-port:
CFPL3IWY
4-port:
CFPL4IWY
6-port:
CFPL6IWY
Vertical Faceplates without Labels
1-port:
CFP1IW
2-port:
CFP2IW
4-port:
CFP4IW
Horizontal Faceplates
2-port:
CFPH2IW
4-port
(sloped with labels):
CFPHSL4IW
Wall Board Adapters
Single gang:
MWBA1
See table for color and labeling options.


Similar Part No. - CFPH2IW

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CFPH2IW PANDUIT-CFPH2IW Datasheet
124Kb / 1P
Mini-Com짰 Classic Series Faceplates
CFPH2IW PANDUIT-CFPH2IW Datasheet
1Mb / 12P
Network Infrastructure for the Enterprise
1/2017
More results

Similar Description - CFPH2IW

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
Classic EPLD Family
EP220 ALTERA-EP220 Datasheet
398Kb / 16P
Classic EPLDs
logo
List of Unclassifed Man...
D33040 ETC2-D33040 Datasheet
28Kb / 1P
Classic PL Desk Lamps
AX102012 ETC2-AX102012 Datasheet
101Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port Double-Gang
logo
PANDUIT CORP.
CFPE1IWY PANDUIT-CFPE1IWY Datasheet
1Mb / 1P
Mini-Com짰 Executive Series Faceplates
logo
Bud Industries, Inc.
AGC-9268 BUD-AGC-9268 Datasheet
58Kb / 1P
CLASSIC II CABINET
logo
OSRAM GmbH
CLASSICA7512W OSRAM-CLASSICA7512W Datasheet
189Kb / 4P
PARATHOM CLASSIC A | LED lamps, classic bulb shape
logo
STMicroelectronics
SPBT3.0DP2 STMICROELECTRONICS-SPBT3.0DP2 Datasheet
839Kb / 31P
Bluetooth® Classic module
May-2018
logo
PANDUIT CORP.
CFP1IW PANDUIT-CFP1IW Datasheet
124Kb / 1P
Mini-Com짰 Classic Series Faceplates
logo
Lapp.
1119752 LAPP-1119752 Datasheet
180Kb / 2P
ÖLFLEX CLASSIC 110
03.03.2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com