Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFPH2IW Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # CFPH2IW
Description  Classic Series Faceplates
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CFPH2IW Datasheet(HTML) 2 Page - PANDUIT CORP.

  CFPH2IW Datasheet HTML 1Page - PANDUIT CORP. CFPH2IW Datasheet HTML 2Page - PANDUIT CORP. CFPH2IW Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.panduit.com
2.75
[69.8]
.28
[7.0]
.28
[7.0]
3.28
[83.3]
.67
[17.1]
4.50
[114.3]
1.09
[27.7]
1.05
[26.8]
.85
[21.6]
30°
45°
.22
[5.7]
2.75
[69.8]
2.75
[69.8]
4.50
[114.3]
.28
[7.0]
.28
[7.0]
.68
[17.2]
3.28
[83.3]
3.28
[83.3]
4.50
[114.3]
4.50
[114.3]
45°
2.75
[69.8]
.22
[5.7]
3.28
[83.3]
icon slot
Jack retention clip
(correct orientation shown)
.81
[20.5]
1.07
[27.1]
.22
[5.7]
4.50
[114.3]
3.28
[83.3]
0.22
[5.7]
2.75
[69.8]
0.68
[17.4]
vertical faceplates
horizontal faceplates
vertical sloped faceplates
Dimensions are in inches. [Dimensions in brackets are metric].
Mini-Com® Classic Series Faceplates



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com