Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT-2500CASE Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # CT-2500CASE
Description  PAN-TERM Terminals, Ferrules, and Crimping Tools
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CT-2500CASE Datasheet(HTML) 3 Page - PANDUIT CORP.

  CT-2500CASE Datasheet HTML 1Page - PANDUIT CORP. CT-2500CASE Datasheet HTML 2Page - PANDUIT CORP. CT-2500CASE Datasheet HTML 3Page - PANDUIT CORP. CT-2500CASE Datasheet HTML 4Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part
Number
Description
Std.
Pkg.
Qty.
CT-2500
Crimps
PANDUIT #22 – #10 AWG insulated and non-insulated
terminals, disconnects and splices. Includes tool, two batteries, a
battery charger and carrying case. Crimp heads not included. Crimp
head part numbers listed below. Meets U.S. voltage requirements.
1
CT-2500/E
Crimps
PANDUIT #22 – #10 AWG insulated and non-insulated
terminals, disconnects and splices. Includes tool, two batteries, a
battery charger and carrying case. Crimp heads not included. Crimp
head part numbers listed below. Meets European voltage requirements.
1
CT-2500CHR
U.S. compatible battery charger for use with the CT-2500.
1
CT-2500CHR/E
European compatible battery charger for use with the CT-2500.
1
CT-2500BC
Rechargeable tool battery for use with the CT-2500.
1
CT-2500CASE
Carrying case holds CT-2500 and accessories.
1
Crimp Heads
CT-2550CH
Crimps
PANDUIT #22 – #10 AWG insulated terminals, disconnects,
and splices.
1
CT-2525CH
Crimps
PANDUIT #22 – #10 AWG fully insulated disconnects and
insulated parallel splices.
1
CT-2570CH
Crimps
PANDUIT #22 – #10 AWG non-insulated terminals, disconnects,
and splices.
1
Part
Number
Description
Std.
Pkg.
Qty.
CT-1000
Crimps
PANDUIT #20 – #14 AWG continuously molded ferrules on
strips. Also cuts and strips wire.
1
Part
Number
Description
Std.
Pkg.
Qty.
CT-1525
Crimps
PANDUIT #26 – #22 AWG insulated terminals and splices,
#22 – #10 AWG fully insulated disconnects and insulated parallel
splices. Crimps
PANDUIT #22 – #14 AWG barrel insulated disconnects.
1
CT-1550
Crimps most
PAN-TERM ® #22 – #10 AWG nylon and vinyl insulated
terminals, splices and disconnects. The CT-1550 has the red/blue
pocket closest to the pivot, which provides a reduced crimp effort
for those who make red/blue terminations.
1
CT-1551
Crimps most
PAN-TERM ® #22 – #10 AWG nylon and vinyl insulated
terminals, splices and disconnects. The CT-1551 has the yellow
pocket closest to the pivot, which provides a reduced crimp effort
for those who make yellow terminations.
1
CT-1570
Crimps most
PAN-TERM ® #22 – #10 AWG and .5 – 6.0mm2 non-insulated
terminals and disconnects. Crimps
PANDUIT #22 – #10 AWG and
.5 – 6.0mm2 non-insulated splices, and #10 AWG compression lugs.
1
CT-1700
Crimps
PANDUIT #8 – #2 AWG non-insulated tubular terminals
(S series) and copper flexible lugs (Does not include LCAF, LCCF
and SCSF connectors), #8 – #1 AWG copper code conductor lugs
and splices, #6 – #4 AWG dual rated aluminum lugs, splices and
copper code conductor for CTAPF10-16 to CTAPF3-12 copper
taps. Includes 5-position, color-coded rotating die.
1
CT-1701
Crimps
PANDUIT #10 – #2 AWG non-insulated large gauge ring
terminal (P series). Crimps #12 – #4 AWG copper lugs and
splices. Includes 5-position rotating die.
1
CT-1014
Crimps
PANDUIT #22 – #14 AWG loose piece DISCO-LOK ™ disconnects.
1
CT-1015
Crimps
PANDUIT #22 – #14 AWG loose piece SUPRA-GRIP™ disconnects.
1
Semiautomatic Ferrule Crimping Tool CT-1000
Batter y Powered Crimping T ool CT -2500
Key Features
Benefits
Performance exceeds
UL and CSA requirements
Provides assurance that terminals are suitable for the most rigorous applications
Manufactured with electrolytically
refined copper and tin-plated
Comprehensive selection of terminals
and ferrules
One supplier for all your terminal requirements, delivers lower procurement costs by
consolidating with one supplier
Flexible design
Allows terminals to bend adapting easily to confined space applications, while retaining
UL, CSA certification
Terminal crimp range #22 – #10 AWG
Supports the most popular range of wire sizes for job site flexibility
Interchangeable crimp heads
Use die profiles from industry leading
PANDUIT ® CONTOUR CRIMP™ Crimping Tools to
deliver versatility for a range of applications
Provides high conductivity and corrosion resistance to deliver reliable, superior performance
Rapid ferrule load design
Continuously molded ferrules load conveniently into the handle of tool, significantly
reducing installation time
PAN-TERM ® Terminals and Ferrules
Battery Powered Crimping Tool CT-2500
Quick 2-second cycle time
Results in less time to terminate compared to conventional crimping methods for
increased productivity, improved efficiency, and lower installed costs
Lightweight 3.3 lbs. design
Provides ease of use in continuous workflow operations for maximum productivity and
minimized repetitive stress injuries
Long battery life (rechargeable)
150 crimps per battery charge for increased efficiency and reduced downtime
3-position adjustable die setting
Allows quick termination of all continuously molded ferrule sizes with a single tool for
increased productivity
Lightweight .54 lbs. design
Provides maximum comfort in continuous workflow operations for increased
productivity and minimized repetitive stress injuries
Multi-use controlled cycle tool
Improved productivity with fewer tools required; cuts, strips, and crimps wire
CONTOUR CRIMP™ Controlled Cycle Crimping Tools
Hand Operated Plier Type Crimping Tools
Ergonomic tool design
Crimping is accomplished with significantly lower handle effort for increased efficiency,
higher production volumes, and minimized repetitive stress injuries
Controlled cycle mechanism
Provides a consistent crimp regardless of operator expertise, strength, or fatigue level
assuring high quality consistent terminations
Multi-position locator
Ensures proper location of terminal in crimp pocket every time reducing the chance of
operator error
All steel construction
Durable and reliable in low volume applications providing a cost effective termination solution
Plastic coated handles
Separates operator from steel construction of tool for comfort and safety
Multi-function
Tool cuts, strips, and crimps wire resulting in fewer required tools
For the full line of terminals and ferrules, refer to www.panduit.com or request Electrical Solution Catalog SA-ELCB03.
C ONTOUR C RIMP ™ Controlled Cycle Crimping T ools
Semiautomatic Ferrule Crimping T o ol CT -1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com