Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT-2500CASE Datasheet(PDF) 4 Page - PANDUIT CORP.

Part # CT-2500CASE
Description  PAN-TERM Terminals, Ferrules, and Crimping Tools
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CT-2500CASE Datasheet(HTML) 4 Page - PANDUIT CORP.

  CT-2500CASE Datasheet HTML 1Page - PANDUIT CORP. CT-2500CASE Datasheet HTML 2Page - PANDUIT CORP. CT-2500CASE Datasheet HTML 3Page - PANDUIT CORP. CT-2500CASE Datasheet HTML 4Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Part Number
Description
Std.
Pkg.
Qty.
Controlled Cycle Crimping Tools
CT-300-1
Crimps
PANDUIT #22 – #14 AWG fully insulated right angle
disconnects. (DNFR-FIB series).
1
CT-310
Crimps
PANDUIT #22 – #10 AWG heat shrink insulated terminals,
disconnects, and splices.
1
Controlled Cycle Crimping Tools – Ferrule End Sleeves
CT-1002
Crimps
PANDUIT #26 – #10 AWG single-insulated ferrules (DIN).
#26 – #10 AWG single wire insulated ferrules (French).
#22 – #12 AWG insulated dual-wire (DIN) ferrules.
#24 – #10 AWG non-insulated ferrules.
1
CT-1003
Crimps
PANDUIT #22 – #8 AWG single wire-insulated ferrules (DIN).
#22 – #8 AWG single wire insulated ferrules (French).
#22 – #10 AWG insulated dual-wire (DIN) ferrules.
#22 – #10 AWG non-insulated ferrules.
1
CT-1004
Crimps
PANDUIT #8 – #6 AWG single wire-insulated ferrule (DIN).
#8 – #6 AWG single wire insulated ferrules (French).
#10 AWG insulated dual-wire (DIN) ferrule.
#8 – #6 AWG non-insulated ferrules.
1
CT-1005
Crimps
PANDUIT #4 – #2 AWG single wire-insulated ferrule (DIN).
#4 – #2 AWG single wire insulated ferrules (French).
#4 – #2 AWG non-insulated ferrules.
1
CT-1006
Crimps
PANDUIT #1 AWG single wire insulated ferrule (DIN) and
(French) #1 AWG non-insulated ferrules.
1
CT-1104
Controlled cycle square crimp profile tool for #8 – #6 AWG
(10 – 16mm2) insulated and non-insulated ferrules.
1
CT-1123
Controlled cycle square crimp profile tool for #26 – #8 AWG
(.14 – 10mm2) insulated and non-insulated ferrules.
1
Part Number
Description
Std.
Pkg.
Qty.
CT-100
Crimps most
PANDUIT #22 – #10 AWG insulated and non-insulated
terminals, disconnects, and splices. Cuts #4, #6, #8 and #10 screw
sizes. Cuts and strips wire. Excellent all-around application tool of heat
treated finished steel with comfortable cushioned plastic grip handles.
1
CT-160
Crimps most
PANDUIT #22 – #10 AWG insulated and non-insulated
terminals, disconnects, and splices. Cuts three U.S. and three metric
screw sizes. Cuts and strips wire. Has insulation closure pocket.
1
CT-260
Forged steel tool. Crimps
PANDUIT #22 – #10 AWG insulated and
non-insulated terminals. Cuts wire.
1
CT-200
Forged steel tool. Crimps most
PANDUIT #22 – #10 AWG non-insulated
terminals, disconnects, and splices. Cuts wire.
1
Controlled Cycle Crimping T ools
www.panduit.com
PAN-TERM ® Terminals, Ferrules,
and Crimping Tools
PAN-TERM ® Terminals, Ferrules, and Crimping Tools combine to
deliver the highest quality terminations at the lowest installed
cost.
PANDUIT terminals are UL Listed and Recognized,
CSA Certified, ABS (American Bureau of Shipping) Approved,
Class 1E Nuclear Rated, and meet applicable Military
Specifications to satisfy the most demanding applications.
Additionally,
PANDUIT c rimping tools are designed to increase
productivity and minimize repetitive stress injuries delivering
consistent terminations for maximum reliability.
T echnical Information – T erminals and Ferrules
Battery Powered
Crimping Tool
CT-2500
Plier Type
Hand Operated
Crimping Tools
Semiautomatic Ferrule
Crimping Tool
CT-1000
CONTOUR CRIMP™
Controlled Cycle
Crimping Tools
Applicable sizes of terminals, disconnects and butt splices are UL Listed and CSA Certified.
All terminals, disconnects, butt splices and ferrules are RoHS compliant.
Kynar insulated terminals are radiation resistance IEEE Class 1, with a temperature rating of 150°C .
*Nickel-plated non-insulated terminals are rated up to 343°C.
For the full line of terminals and ferrules, refer to www.panduit.com or request Electrical Solution Catalog SA-ELCB03.
To ensure a high quality crimp you need the right terminal, the right tool and the right technique.
For information on how to qualify for crimp training contact your local
PANDUIT Sales Representative.
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of
PANDUIT product warranties, log on to www.panduit.com/warranty
© 2007 PANDUIT Corp.
ALL RIGHTS RESERVED.
Printed in the U.S.A.
Product Bulletin Number
SA-TMCB04
5/2007
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.3767.7011
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6379.6700
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Jalisco, Mexico
cs-la@panduit.com
Phone: 52.333.777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800-777-3300 and reference TMCB04
Visit us at www.panduit.com/tmcb04
For more information
PANDUIT CANADA
Markham, Ontario
cs-dn@panduit.com
Phone: 800.777.3300
Hand Operated Plier T ype Crimping T ools
CT-300-1
CT-1123
Non-Insulated
Terminals/
Butt Splices
Vinyl
Insulated
Terminals/
Butt Splices
Nylon
Insulated
Terminals/
Butt Splices
DISCO-LOK ™
Disconnects
Nylon
Insulated
SUPRA-GRIP™
Disconnects
Nylon
Insulated
Non-Insulated
Disconnects
Vinyl
Insulated
Disconnects
Nylon
Insulated
Disconnects
Ferrules
Material
Copper/
Tin-Plated
Copper/
Tin-Plated
Copper/
Tin-Plated
Brass/
Tin-Plated
Brass/
Tin-Plated
Brass/
Tin-Plated
Brass/
Tin-Plated
Brass/
Tin-Plated
Polypropylene
Voltage (V)
Per UL Test Std.
2000 V
600 V
600 V
300 V
600 V
600 V
600 V
300 V
N/A
Temperature
Rating
150°C*
105°C*
105°C*
105°C*
105°C*
150°C*
105°C*
105°C*
Barrel
Insulated
125°C Fully
Insulated
105°C
Flammability
—
UL 94V-0
UL 94V-2/HB UL 94V-2/HB UL 94V-2/HB
—
UL 94V-0
UL 94V-2/HB
UL V2
ABS
05-HS112167W-PDA
Compliant
Compliant
Compliant
—
—
Compliant
Compliant
—
—
Military
Specifications
MS25036, MS20659
Ring
Terminals
Compliant
—
Ring
Terminals
Compliant
——
—
—
——



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com