Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM2883 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM2883
Description  LTM2883 SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 2Page - Analog Devices LTM2883 Datasheet HTML 3Page - Analog Devices LTM2883 Datasheet HTML 4Page - Analog Devices LTM2883 Datasheet HTML 5Page - Analog Devices LTM2883 Datasheet HTML 6Page - Analog Devices LTM2883 Datasheet HTML 7Page - Analog Devices LTM2883 Datasheet HTML 8Page - Analog Devices LTM2883 Datasheet HTML 9Page - Analog Devices LTM2883 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
dc1748af
DEMO MANUAL DC1748A
PARTS LIST
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
1
U1-A
IC, LTM2883CY-3S
Linear Technology LTM2883CY-3S#PBF
1
U1-B
IC, LTM2883CY-5S
Linear Technology LTM2883CY-5S#PBF
1
U1-C
IC, LTM2883CY-3I
Linear Technology LTM2883CY-3I#PBF
1
U1-D
IC, LTM2883CY-5I
Linear Technology LTM2883CY-5I#PBF
Hardware/Components (For Demo Board Only)
2
1
C1
Capacitor, Tantalum 10μF 10V 20% TAJA
AVX TAJA106M010RNJ
3
1
C2
Capacitor, Ceramic 1μF 10V 20% 0508
Murata LLL219R71A105MA01L
4
2
C3, C4
Capacitor, Ceramic 470pF 250VAC 10% 1808
Murata GA342QR7GF471KW01L
5
2
J1, J2
0.1" Double Row Header, 5
× 2 Pin
Samtec TSW-105-22-G-D
6
2
J1, J2
0.1" Ferrite Plate, 5
× 2 Hole
Fair Rite 2644247101
7
1
J2
Connection, Filtered, DSUB 9-Pin
Kobiconn 152-3609
8
1
JP1
2mm Single Row Header, 3-Pin
Samtec TMM-103-02-L-S
9
1
JP1
Shunt
Samtec 2SN-BK-G
10
1
R1-C
Resistor, Chip 10kΩ 1% 0805
Yageo RC0805FR-0710KL
1
R1-D
Resistor, Chip 10kΩ 1% 0805
Yageo RC0805FR-0710KL
11
1
R2-C
Resistor, Chip 10kΩ 1% 0805
Yageo RC0805FR-0710KL
1
R2-D
Resistor, Chip 10kΩ 1% 0805
Yageo RC0805FR-0710KL
12
1
R3-C
Resistor, Chip 0 0805
Yageo RC0805FR-070RL
1
R3-D
Resistor, Chip 0 0805
Yageo RC0805FR-070RL
13
1
R4-A
Resistor, Chip 0 0805
Yageo RC0805FR-070RL
1
R4-B
Resistor, Chip 0 0805
Yageo RC0805FR-070RL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com