Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM2883 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM2883
Description  LTM2883 SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 3 Page - Analog Devices

  LTM2883 Datasheet HTML 1Page - Analog Devices LTM2883 Datasheet HTML 2Page - Analog Devices LTM2883 Datasheet HTML 3Page - Analog Devices LTM2883 Datasheet HTML 4Page - Analog Devices LTM2883 Datasheet HTML 5Page - Analog Devices LTM2883 Datasheet HTML 6Page - Analog Devices LTM2883 Datasheet HTML 7Page - Analog Devices LTM2883 Datasheet HTML 8Page - Analog Devices LTM2883 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
dc1748af
DEMO MANUAL DC1748A
OPERATING PRINCIPLES
Figure 1. DC1748 Radiated Emissions
EMI performance is shown in Figure 1, measured using
a Gigahertz Transverse Electromagnetic (GTEM) cell and
method detailed in IEC 61000-4-20, “Testing and Mea-
surement Techniques – Emission and Immunity Testing
in Transverse Electromagnetic Waveguides”.
The demo circuit includes provisions for programming
the three output voltage rails. Resistors R5, R6, and R7
allow the V+, V–, and VCC2 power rails, respectively, to
be reduced from their nominal operating voltages. The
formulas presented in Table 3 allow selection of the ap-
propriate resistor values.
Table 3.
VOLTAGE RAIL
RESISTOR TO REDUCE OUTPUT
V+
R5 = 150k • (V+ – 1.22)/(12.5 – V+)
V–
R6 = 150k • (1.22 + V–)/(–12.5 – V–)
VCC2
R7 = 110k • (VCC2 – 0.6)/(5 – VCC2)
FREQUENCY (MHz)
0
–30
–20
0
10
20
600 700 800 900
60
DC1748A F01
–10
100 200 300 400 500
1000
30
40
50
DETECTOR = QuasiPeak
RBW = 120kHz
VBW = 300kHz
SWEEP TIME = 17s
# OF POINTS = 501
DC1748A-A
DC1748A-B
CISPR 22 CLASS B LIMIT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com