Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

152S42S100 Datasheet(PDF) 10 Page - Johanson Technology Inc.

Part # 152S42S100
Description  MULTI-LAYER HIGH-Q CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

152S42S100 Datasheet(HTML) 10 Page - Johanson Technology Inc.

Back Button 152S42S100 Datasheet HTML 4Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 5Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 6Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 7Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 8Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 9Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 10Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 11Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 12Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
16
www.johansontechnology.com
RF CHARACTERISTICS - 1111 S24E SERIES More data at: https://jtisoft.johansontechnology.com
Effective capacitance value: 1111/S42E
0
50
100
150
200
250
300
350
400
0
500
1000
1500
2000
Freq (MHz)
C(1 MHz) = 300pF
C(1 MHz) = 100 pF
C(1 MHz) = 10 pF
Typical values on a 60-mil thick
Rogers 4350B substrate
0.1
1
10
1
10
100
1000
Capacitance value (pF)
SRF
Typical values with:
Series mounting
Horizontal orientation
60 mil-thick Rogers 4350B substrate
1111 S42E Series Resonant frequency
0
50
100
150
200
250
300
0
500
1000
1500
2000
Freq (MHz)
1.2 pF
4.7 pF
10 pF
33 pF
100 pF
300 pF
Typical values
1111 S42E Equivalent Series Resistance (ESR)
1
10
100
1000
10000
0
500
1000
1500
2000
Freq (MHz)
S42E
0.2 pF
1.2 pF
4.7 pF
10 pF
33 pF
100 pF
300 pF
1111 S42E Q factor
Typical values
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
Capacitance value (pF)
200 MHz
100 MHz
40 MHz
15 MHz
7 MHz
Estimated maximum current based on
Ambient temperature = 65 °C
Thermal resistance of DUT on substrate = 20°C/W
Infinite heatsink
Duty cycle=100%
1111 S42E Max Current vs. Capacitance Value
1111 S42E Max Current vs. Frequency
0
2
4
6
8
10
12
14
16
18
20
0
500
1000
1500
2000
Freq (MHz)
300 pF
100 pF
33 pF
10 pF
4.7 pF
1.2 pF
0.2 pF
Estimated maximum current based on
Ambient temperature = 65 °C
Thermal resistance of DUT on substrate = 20°C/W
Infinite heatsink
Duty cycle=100%
The Series Resonant Frequency is highly dependent on the substrate,
pad dimensions, and measurement method. The above chart is for
reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com