Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

152S42S100 Datasheet(PDF) 12 Page - Johanson Technology Inc.

Part # 152S42S100
Description  MULTI-LAYER HIGH-Q CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

152S42S100 Datasheet(HTML) 12 Page - Johanson Technology Inc.

Back Button 152S42S100 Datasheet HTML 4Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 5Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 6Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 7Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 8Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 9Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 10Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 11Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 12Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
18
www.johansontechnology.com
RF CHARACTERISTICS - 3838 S58E SERIES
0.01
0.1
1
10
1
10
100
1000
Capacitance (pF)
SRF
Typical values of SRF when
measured on a 8720C VNA
using a shunt-through fixture
3838 S58E Series Resonant frequency
3838 S58E Equivalent Series Resistance (ESR)
0
20
40
60
80
100
120
140
160
180
0
50
100
150
200
250
300
Freq (MHz)
10 pF
47 pF
180 pF
1000 pF
Typical values
3838 S58E Q factor
1
10
100
1000
10000
0
50
100
150
200
250
300
Freq (MHz)
10 pF
47 pF
180 pF
1000 pF
Typical values
3838 S58E Max Current vs. Frequency
0
5
10
15
20
0
50
100
150
200
250
300
Freq (MHz)
10 pF
47 pF
180 pF
1000 pF
Estimated maximum current based on
Ambient temperature = 65 °C
Thermal resistance of DUT on substrate = 12°C/W
Infinite heatsink
Duty cycle=100%
The Series Resonant Frequency is highly dependent on the substrate,
pad dimensions, and measurement method. The above chart is for
reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com