| Electronic Components Datasheet Search |
|
SERCON410B Datasheet(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SERCON410B Datasheet(HTML) 29 Page - STMicroelectronics |
|
29 / 34 page ![]() DATA STRUCTURES WITHIN THE RAM (Continued) 4.2.2 Data Containers A data container comprises one or two 16-bit con- trol words as well as a variable number of data words. If the data is stored in the internal RAM (DMA = 0) and a single buffer is used (DBUF = 0), the data container has one buffer. Using RAM Index Bit Name Function 0 0-9 LEN Number of 16-bit data words of the data block. 10 SVFL Flag, whether data block uses service container (SVFL = 1). 11-13 NSV Number of service container, which is used (0 - 7). 14 SCMASTER Processing of service container in slave mode (SCMASTER = 0) or master mode (SCMASTER = 1). 15 LASTDC Last data container of the telegram (1) or further data containers follow (0). 1 0-15 POS Position of the data block within the telegram in number of words. The first data record of a telegram has POS = 0 (only in case of receive telegrams). Figure 13. Structure of Data Containers storage and double buffering (DBUF = 1), two data buffers are needed. In case of DMA transfer (DMA = 1) the data container only comprises the control words (Fig. 13). The structure of the two control words depends on whether a telegram is transmit- ted or received: ® SERCON410B 25/30 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |