Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1771 Datasheet(PDF) 2 Page - Raspberry Pi Holdings PLC

Part # SC1771
Description  Raspberry Pi M.2 HAT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1771 Datasheet(HTML) 2 Page - Raspberry Pi Holdings PLC

  SC1771 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1771 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1771 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1771 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1771 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1771 Datasheet HTML 6Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Raspberry Pi M.2 HAT+ – Raspberry Pi Ltd
Overview
The Raspberry Pi M.2 HAT+ enables you to connect M.2 peripherals such as
NVMe drives and AI accelerators to Raspberry Pi 5’s PCIe 2.0 interface, supporting fast
(up to 500 MB/s) data transfer to and from NVMe drives and other PCIe accessories.
Raspberry Pi 5’s single-lane PCI Express 2.0 interface is exposed on a 16-pin, 0.5mm-
pitch FPC connector; the M.2 HAT+ M Key is a mechanical adapter board that converts
between this connector and a subset of the M.2 standard. It supports devices that
have the M.2 M key edge connector, in the 2230 and 2242 form factors. It is capable of
supplying up to 3A to connected M.2 devices.
The Raspberry Pi M.2 HAT+ conforms to the Raspberry Pi HAT+ specification and is
autodetected by the latest Raspberry Pi software/firmware. It is supplied with a 16mm
stacking header and threaded spacers, so it can be fitted to a Raspberry Pi 5 with the
Raspberry Pi Active Cooler in place.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com