Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1771 Datasheet(PDF) 3 Page - Raspberry Pi Holdings PLC

Part # SC1771
Description  Raspberry Pi M.2 HAT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

SC1771 Datasheet(HTML) 3 Page - Raspberry Pi Holdings PLC

  SC1771 Datasheet HTML 1Page - Raspberry Pi Holdings PLC SC1771 Datasheet HTML 2Page - Raspberry Pi Holdings PLC SC1771 Datasheet HTML 3Page - Raspberry Pi Holdings PLC SC1771 Datasheet HTML 4Page - Raspberry Pi Holdings PLC SC1771 Datasheet HTML 5Page - Raspberry Pi Holdings PLC SC1771 Datasheet HTML 6Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Raspberry Pi M.2 HAT+ – Raspberry Pi Ltd
Specification
Features:
• Supports single-lane PCIe 2.0 interface
(500 MB/s peak transfer rate)
• Supports devices that use the M.2 M key edge connector
• Supports devices with the 2230 or 2242 form factor
• Capable of supplying up to 3A to connected M.2 devices
• Includes power and activity LEDs
• Conforms to the Raspberry Pi HAT+ specification
• Supplied with ribbon cable, 16mm stacking header, threaded
spacers and screws, and knurled double-flanged screw to
secure and support the M.2 peripheral
Operating temperature:
0℃ to 50℃ (ambient)
Production lifetime:
The Raspberry Pi M.2 HAT+ will remain in production until at
least January 2032
Compliance:
For a full list of local and regional product approvals, please
visit pip.raspberrypi.com
Physical specification
47.5
7.5
10
49
16.5
56.5
17.5
21
3.5
3.5
18
65
58
29
5
2.55
14.5
16.5
Note:
All dimensions in mm
All dimensions are approximate and for
reference purposes only. The dimensions
shown should not be used for producing
production data
The dimensions are subject to part and
manufacturing tolerances
Dimensions may be subject to change



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com