Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32522C0106 Datasheet(PDF) 12 Page - EPCOS

Part # B32522C0106
Description  Film Capacitors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32522C0106 Datasheet(HTML) 12 Page - EPCOS

Back Button B32522C0106 Datasheet HTML 8Page - EPCOS B32522C0106 Datasheet HTML 9Page - EPCOS B32522C0106 Datasheet HTML 10Page - EPCOS B32522C0106 Datasheet HTML 11Page - EPCOS B32522C0106 Datasheet HTML 12Page - EPCOS B32522C0106 Datasheet HTML 13Page - EPCOS B32522C0106 Datasheet HTML 14Page - EPCOS B32522C0106 Datasheet HTML 15Page - EPCOS B32522C0106 Datasheet HTML 16Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VR
VDC
VRMS
f
≤60 Hz
VAC
CR
μF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
∇ Wound capacitor technology
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M=
±20%
K=
±10%
J=
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (standard lead length 6
1 mm)
63
40
0.68
5.0
× 10.5 × 18.0 B32522C0684+***
4680
5200
4000
1.0
5.0
× 10.5 × 18.0 B32522C0105+***
4680
5200
4000
1.5
5.0
× 10.5 × 18.0 B32522C0155+***
4680
5200
4000
2.2
5.0
× 10.5 × 18.0 B32522C0225+***
4680
5200
4000
3.3
6.0
× 11.0 × 18.0 B32522C0335+***
3840
4400
4000
4.7
7.0
× 12.5 × 18.0 B32522C0475+***
3320
3600
4000
6.8
8.5
× 14.5 × 18.0 B32522C0685+***
2720
2800
2000
10
9.0
× 17.5 × 18.0 B32522C0106+***
2560
2800
2000
100
63
0.33
5.0
× 10.5 × 18.0 B32522C1334+***
4680
5200
4000
0.47
5.0
× 10.5 × 18.0 B32522C1474+***
4680
5200
4000
0.68
5.0
× 10.5 × 18.0 B32522C1684+***
4680
5200
4000
1.0
5.0
× 10.5 × 18.0 B32522C1105+***
4680
5200
4000
1.0
∇ 6.0 × 11.0 × 18.0 B32522Q1105+***
3840
4400
4000
1.5
6.0
× 11.0 × 18.0 B32522C1155+***
3840
4400
4000
1.5
∇ 7.0 × 12.5 × 18.0 B32522Q1155+***
3320
3600
4000
2.2
7.0
× 12.5 × 18.0 B32522C1225+***
3320
3600
4000
2.2
∇ 8.5 × 14.5 × 18.0 B32522Q1225+***
2720
2800
2000
3.3
8.5
× 14.5 × 18.0 B32522C1335+***
2720
2800
2000
3.3
∇ 9.0 × 17.5 × 18.0 B32522Q1335+***
2560
2800
2000
4.7
9.0
× 17.5 × 18.0 B32522C1475+***
2560
2800
2000
4.7
∇ 11.0 × 18.5 × 18.0 B32522Q1475+***
2200
1200
6.8
11.0
× 18.5 × 18.0 B32522C1685+***
1200
250
160
0.10
5.0
× 10.5 × 18.0 B32522C3104+***
4680
5200
4000
0.15
5.0
× 10.5 × 18.0 B32522C3154+***
4680
5200
4000
0.22
5.0
× 10.5 × 18.0 B32522C3224+***
4680
5200
4000
0.33
5.0
× 10.5 × 18.0 B32522C3334+***
4680
5200
4000
0.39
5.0
× 10.5 × 18.0 B32522C3394+***
4680
5200
4000
0.47
6.0
× 11.0 × 18.0 B32522C3474+***
3840
4400
4000
0.56
7.0
× 12.5 × 18.0 B32522C3564+***
3320
3600
4000
B32522
General purpose (stacked/wound)
Page 12 of 44
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com