Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32522C0106 Datasheet(PDF) 3 Page - EPCOS

Part # B32522C0106
Description  Film Capacitors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32522C0106 Datasheet(HTML) 3 Page - EPCOS

  B32522C0106 Datasheet HTML 1Page - EPCOS B32522C0106 Datasheet HTML 2Page - EPCOS B32522C0106 Datasheet HTML 3Page - EPCOS B32522C0106 Datasheet HTML 4Page - EPCOS B32522C0106 Datasheet HTML 5Page - EPCOS B32522C0106 Datasheet HTML 6Page - EPCOS B32522C0106 Datasheet HTML 7Page - EPCOS B32522C0106 Datasheet HTML 8Page - EPCOS B32522C0106 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Overview of available types
Technology: s = Stacked-film technology/w= Wound capacitor technology
Lead spacing 5.0 mm
7.5 mm
10.0 mm
Type
B32529
B32520
B32521
Page
6
9
10
Technology
s
s
s
s
s
s
s
s
s
s
s
s
s
s
s
VR (V DC)
50
63
100 250 400 630 63
100 250 400 63
100 250 400 630
VRMS (V AC)
32
40
63
160 200 400 40
63
160 200 40
63
160 200 200
CR (
μF)
0.0010
0.0015
0.0022
0.0033
0.0047
0.0068
0.010
0.015
0.022
0.033
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
B32520 ... B32529
General purpose (stacked/wound)
Page3of44
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com