Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4159 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4159
Description  Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159 Datasheet(HTML) 4 Page - Analog Devices

  ADF4159 Datasheet HTML 1Page - Analog Devices ADF4159 Datasheet HTML 2Page - Analog Devices ADF4159 Datasheet HTML 3Page - Analog Devices ADF4159 Datasheet HTML 4Page - Analog Devices ADF4159 Datasheet HTML 5Page - Analog Devices ADF4159 Datasheet HTML 6Page - Analog Devices ADF4159 Datasheet HTML 7Page - Analog Devices ADF4159 Datasheet HTML 8Page - Analog Devices ADF4159 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Data Sheet
ADF4159
Rev. E | Page 3 of 36
REVISION HISTORY
7/14—Rev. D to Rev. E
Changed θJA from 30.4°C/W to 56°C/W........................................7
Changes to Single Full Triangle Section.......................................24
Changes to Timeout Interval Section ...........................................27
11/13—Rev. C to Rev. D
Change to General Description Section.........................................1
Moved Revision History Section.....................................................3
Changes to Table 1 ............................................................................4
Change to 25-Bit Fixed Modulus Section ....................................11
Changes to Loss of Lock (LOL) Section and Lock Detect
Precision (LDP) Section .................................................................19
Changes to Σ-Δ Modulator Mode Section, Clock Divider Select
Section, and Clock Divider Mode Section...................................21
Added External Control of Ramp Steps Section and Figure 49;
Renumbered Sequentially ..............................................................31
Changes to Fast Lock Timer and Register Sequences Section,
Fast Lock Example Section, and Fast Lock Loop Filter Topology
Section ..............................................................................................33
Changes to Ordering Guide...........................................................36
9/13—Rev. B to Rev. C
Change to Features Section..............................................................1
Change to Figure 2 ............................................................................4
Changes to Figure 24 ......................................................................13
Added Σ-Δ Modulator Mode Section...........................................20
Changes to Figure 29 ......................................................................20
Change to Interrupt Modes and Frequency Readback Section......31
Change to Fast Lock Timer and Register Sequences Section....32
Changes to Ordering Guide...........................................................35
Added Automotive Products Section ...........................................35
6/13—Rev. A to Rev. B
Changed PFD Antibacklash Pulse from 3 ns to 1 ns in Phase
Frequency Detector (PFD) and Charge Pump Section..............11
Changes to Charge Pump Current Setting Section and
Reference Doubler Section ............................................................16
Changes to Negative Bleed Current Enable Section and Loss of
Lock (LOL) Section.........................................................................18
5/13—Revision A: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com