Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4159 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF4159
Description  Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF4159 Datasheet HTML 20Page - Analog Devices ADF4159 Datasheet HTML 21Page - Analog Devices ADF4159 Datasheet HTML 22Page - Analog Devices ADF4159 Datasheet HTML 23Page - Analog Devices ADF4159 Datasheet HTML 24Page - Analog Devices ADF4159 Datasheet HTML 25Page - Analog Devices ADF4159 Datasheet HTML 26Page - Analog Devices ADF4159 Datasheet HTML 27Page - Analog Devices ADF4159 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Data Sheet
ADF4159
Rev. E | Page 23 of 36
STEP REGISTER (R6) MAP
When Bits DB[2:0] are set to 110, the on-chip step register
(Register R6) is programmed (see Figure 31).
Reserved Bits
All reserved bits must be set to 0 for normal operation.
Step Select
When Bit DB23 is set to 0, Step Word 1 is selected. When
Bit DB23 is set to 1, Step Word 2 is selected.
20-Bit Step Word
Bits DB[22:3] determine the step word. The step word is the
number of steps in the ramp.
DB31
20-BIT STEP WORD
RESERVED
CONTROL
BITS
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
SSE1 S20
S19
S18
S17
S16
S15
S14
S13
S12
S11
S10
S9
S8
S7
S6
S5
C3(1) C2(1) C1(0)
S20
S19
...
S2
S1
STEP WORD
0
0
...
0
0
0
0
0
...
0
1
1
0
0
...
1
0
2
0
0
...
1
1
3
.
.
...
.
.
.
.
.
...
.
.
.
.
.
...
.
.
.
1
1
...
0
0
1,048,572
1
1
...
0
1
1,048,573
1
1
...
1
0
1,048,574
1
1
...
1
1
1,048,575
S4
S3
S1
S2
STEP SEL
SSE1
0
STEP WORD 1
1
STEP WORD 2
Figure 31. Step Register (R6) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com