Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43712 Datasheet(PDF) 14 Page - EPCOS

Part # B43712
Description  Aluminum electrolytic capacitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43712 Datasheet(HTML) 14 Page - EPCOS

Back Button B43712 Datasheet HTML 10Page - EPCOS B43712 Datasheet HTML 11Page - EPCOS B43712 Datasheet HTML 12Page - EPCOS B43712 Datasheet HTML 13Page - EPCOS B43712 Datasheet HTML 14Page - EPCOS B43712 Datasheet HTML 15Page - EPCOS B43712 Datasheet HTML 16Page - EPCOS B43712 Datasheet HTML 17Page - EPCOS B43712 Datasheet HTML 18Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Many of the data book types with diameter
≥ 64.3 mm can be ordered in low-inductance design
with inductance approx. L = 13 nH.
For low-inductance design the following deviation regarding case dimensions applies:
d = 64.3 mm: l1
0.7 mm
d = 90.0 mm: l1
1.7 mm
M5: Min. reach of screw = 9.0 mm
M6: Min. reach of screw = 9.5 mm
5.3
Capacitors with heat sink mounting (M607, M657)
As a large amount of heat is dissipated through the base of the case, the use of a heat sink con-
nected to the capacitor base is the most efficient cooling method. For heat-sink mounting we offer
a special optimized version of high-voltage capacitors with screw terminals in order to ensure an
optimal heat transfer between the base of the case and the heat sink. The special design com-
prises:
Two thermal pads at the base. The first one (thickness 0.5 mm) closes the air gap at the base
in the area which is not covered by the insulating sleeve and the second one (thickness
0.2 mm) ensures the electrical insulation of the case.
Minimized tolerance (
±0.35 mm) of the overall length l
1 of the capacitor to avoid unwanted me-
chanical forces on the terminals particularly when several capacitors are mounted between
heat sink and bus bar.
Case with extra groove near the base for ring clamp mounting (recommended accessory
B44030A0165-A0190B). The clamp ensures an optimal pressing of the case to the heat sink.
Most of the high-voltage data book types without threaded stud and for diameters
≥ 64.3 mm
can be ordered in heat-sink mounting design.
Please refer to chapter "General technical information, 5.2.2 Base cooling with heat sink". Re-
garding ripple current and useful life, please refer to chapter "General technical information,
5 Useful life".
B43712, B43732
Long useful life
85
°C
Page 14 of 30
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com