Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43712 Datasheet(PDF) 3 Page - EPCOS

Part # B43712
Description  Aluminum electrolytic capacitors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43712 Datasheet(HTML) 3 Page - EPCOS

  B43712 Datasheet HTML 1Page - EPCOS B43712 Datasheet HTML 2Page - EPCOS B43712 Datasheet HTML 3Page - EPCOS B43712 Datasheet HTML 4Page - EPCOS B43712 Datasheet HTML 5Page - EPCOS B43712 Datasheet HTML 6Page - EPCOS B43712 Datasheet HTML 7Page - EPCOS B43712 Datasheet HTML 8Page - EPCOS B43712 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1) Refer to chapter "General technical information, 5 Useful life" on how to interpret useful life.
Specifications and characteristics in brief
Rated voltage VR
Surge voltage VS
350 ... 450 V DC
1.10
VR
Rated capacitance CR
Capacitance tolerance
1000 ... 18000 μF
±20%
M
Dissipation factor tan
δ
(20
°C, 120 Hz)
≤ 0.20
Leakage current Ileak
(20
°C, 5 min)
Self-inductance ESL
d = 51.6 mm: approx. 15 nH
d
≥ 64.3 mm: approx. 20 nH
Useful life1)
Requirements:
85
°C; V
R;IAC,R
> 10000 h
ΔC/C
≤ 15% of initial value
tan
δ≤ 1.75 times initial specified limit
Ileak
≤ initial specified limit
Voltage endurance test
Post test requirements:
85
°C; V
R
2000 h
ΔC/C
≤ 10% of initial value
tan
δ≤ 1.3 times initial specified limit
Ileak
≤ initial specified limit
Vibration resistance test
To IEC 60068-2-6, test Fc:
Frequency range 10 ... 55 Hz, displacement amplitude 0.75 mm,
acceleration max. 10 g, duration 3
× 2h.
Capacitor mounted by its body which is rigidly clamped to the work
surface.
Characteristics at low
temperature
Max. impedance
ratio at 100 Hz
VR
350 V
≥ 400 V
Z -25°C /Z 20°C
4
4
Z -40°C /Z 20°C
20
16
IEC climatic category
To IEC 60068-1:
25/085/56 ( 25
°C/+85 °C/56 days damp heat test)
The capacitors can be operated in the temperature range of
40
°Cto+85 °C but the impedance at 40 °C must be taken into
consideration.
Sectional specification
IEC 60384-4
B43712, B43732
Long useful life
85
°C
Page3of30
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com