Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS841S01BGLF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS841S01BGLF
Description  PCI EXPRESS??CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S01BGLF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS841S01BGLF Datasheet HTML 6Page - Integrated Device Technology ICS841S01BGLF Datasheet HTML 7Page - Integrated Device Technology ICS841S01BGLF Datasheet HTML 8Page - Integrated Device Technology ICS841S01BGLF Datasheet HTML 9Page - Integrated Device Technology ICS841S01BGLF Datasheet HTML 10Page - Integrated Device Technology ICS841S01BGLF Datasheet HTML 11Page - Integrated Device Technology ICS841S01BGLF Datasheet HTML 12Page - Integrated Device Technology ICS841S01BGLF Datasheet HTML 13Page - Integrated Device Technology ICS841S01BGLF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
IDT™ / ICS™ PCI EXPRESS CLOCK GENERATOR
10
ICS841S01BG REV. B MAY 23, 2007
ICS841S01
PCI EXPRESS™ CLOCK GENERATOR
PRELIMINARY
APPLICATION INFORMATION
POWER SUPPLY FILTERING TECHNIQUES
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. The ICS841S01 provides separate
power supplies to isolate any high switching noise from the out-
puts to the internal PLL. V
DD_REF, VDDA, and VDD_SRC should be indi-
vidually connected to the power supply plane through vias, and
bypass capacitors should be used for each pin. To achieve opti-
mum jitter performance, power supply isolation is required. Fig-
ure 1 illustrates how a 10
Ω resistor along with a 10μF and a
.01
μF bypass capacitor should be connected to each V
DDA pin.
The 10
Ω resistor can also be replaced by a ferrite bead.
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
DDA
10
μF
.01
μF
3.3V
.01
μF
V
DD
USING THE ON-BOARD CRYSTAL OSCILLATOR
The ICS841S01 features a fully integrated Pierce oscillator to
minimize system implementation costs. The ICS841S02I may be
operated with a 25MHz crystal and without additional components.
Recommended operation for the crystal should be of a parallel
resonant type and a load specification of C
L = 18pF. See Table 7
for complete crystal specifications.
If more precise frequency control is desired, the addition of
capacitors from each of the XTAL_IN and XTAL_OUT pins to
ground may be used to trim the frequency as shown in Figure 2.
TABLE 7. RECOMMENDED CRYSTAL SPECIFICATIONS
r
e
t
e
m
a
r
a
Pe
u
l
a
V
t
u
C
l
a
t
s
y
r
Ct
u
C
T
A
l
a
t
n
e
m
a
d
n
u
F
e
c
n
a
n
o
s
e
Re
c
n
a
n
o
s
e
R
l
e
ll
a
r
a
P
C
(
e
c
n
a
t
i
c
a
p
a
C
t
n
u
h
S
L)F
p
7
-
5
C
(
e
c
n
a
t
i
c
a
p
a
C
d
a
o
L
O)F
p
8
1
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
l
a
v
i
u
q
E0
5
-
0
2
Ω
FIGURE 2. CRYSTAL OSCILLATOR WITH TRIM CAPACITOR
The crystal and optional trim capacitors should be located as
close to the ICS841S01 XTAL_IN and XTAL_OUT pins as possible
to avoid any board level parasitic.
XT AL_IN
XTAL_OUT
25MHz
TBD
TBD
33pF
18pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com