Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS841S01BGLF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS841S01BGLF
Description  PCI EXPRESS??CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S01BGLF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS841S01BGLF Datasheet HTML 7Page - Integrated Device Technology ICS841S01BGLF Datasheet HTML 8Page - Integrated Device Technology ICS841S01BGLF Datasheet HTML 9Page - Integrated Device Technology ICS841S01BGLF Datasheet HTML 10Page - Integrated Device Technology ICS841S01BGLF Datasheet HTML 11Page - Integrated Device Technology ICS841S01BGLF Datasheet HTML 12Page - Integrated Device Technology ICS841S01BGLF Datasheet HTML 13Page - Integrated Device Technology ICS841S01BGLF Datasheet HTML 14Page - Integrated Device Technology ICS841S01BGLF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IDT™ / ICS™ PCI EXPRESS CLOCK GENERATOR
11
ICS841S01BG REV. B MAY 23, 2007
ICS841S01
PCI EXPRESS™ CLOCK GENERATOR
PRELIMINARY
INPUTS:
LVCMOS CONTROL PINS
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional
protection. A 1k
Ω resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT PINS
OUTPUT DRIVER CURRENT
The ICS841S01 outputs are HCSL current drive with the cur-
rent being set with a resistor from I
REF to ground. For a 50Ω pc
board trace, the drive current would typically be set with a R
REF
of 475
Ω which products an I
REF of 2.32mA. The IREF is multiplied
by a current mirror to an output drive of 6*2.32mA or 13.92mA.
See Figure 3 for current mirror and output drive details.
FIGURE 3. HCSL CURRENT MIRROR AND OUTPUT DRIVE
IREF
RREF
RL
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com