Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPOTCLIPII Datasheet(PDF) 1 Page - HellermannTyton.

Part # SPOTCLIPII
Description  Downlight Covers - For Residential Buildings
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

SPOTCLIPII Datasheet(HTML) 1 Page - HellermannTyton.

  SPOTCLIPII Datasheet HTML 1Page - HellermannTyton. SPOTCLIPII Datasheet HTML 2Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
422
4.4
Add items to your watchlist!
www.HT.click/49-422?q=2
Electrical Installation
Downlight Covers
MATERIAL
Polyamide 6.6, glass-fibre reinforced
(PA66GF15%)
Operating Temperature -20 °C to +120 °C
Flammability
UL94 V0 at 1.5mm thickness,
Glow Wire Test (GWT) 960 °C
SpotClip-II has been developed for use with large LED spotlights.
Additional, flexible legs allow use with blown-in insulation material. The
legs can be easily removed to facilitate cable installation. The downlight
cover can be inserted easily into the ceiling cavity and offers valuable
savings on installation time. SpotClip creates a reliable gap between the
light bulb and the insulation material, reducing the risk of overheating
and heat accumulation.
Downlight Covers - For Residential Buildings
The additional 4 legs on SpotClip-II allow use with blown-in cavity insulation.
SpotClip-II
SpotClip-II
H2
H
FH
TYPE
Hole Ø
(FH) min.
Hole Ø
(FH) max.
Height
(H)
Height
(H2)
Colour
Pack
Cont.
Article-No.
SpotClip-II
62.0
90.0
107.0
95.0
Black (BK)
10 pcs.
148-00098
All dimensions in mm. Subject to technical changes.
Minimum Order Quantity (MOQ) may differ from package content.
SpotClip-II downlight cover with
4 additional flexible legs.
SpotClip-II shown using standard
insulation wool.
www.HellermannTyton.co.uk/SpotClip2-cat22


Similar Part No. - SPOTCLIPII

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
SPOTCLIPIII HELLERMANNTYTON-SPOTCLIPIII Datasheet
142Kb / 2P
Downlight Covers - For Residential Buildings
More results

Similar Description - SPOTCLIPII

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
POI-1501 ADVANTECH-POI-1501 Datasheet
354Kb / 2P
Residential Terminal
UBIQ-480 ADVANTECH-UBIQ-480 Datasheet
346Kb / 2P
Residential Terminal
logo
P-tec Corporation
PLSO-LVDL13W-90 P-TEC-PLSO-LVDL13W-90 Datasheet
191Kb / 2P
Dimmable LED Downlight
logo
Seoul Semiconductor
MJD-2V16W1P3 SEOUL-MJD-2V16W1P3 Datasheet
546Kb / 20P
120V 17W Downlight
SMJD-3V16W1P3 SEOUL-SMJD-3V16W1P3 Datasheet
2Mb / 20P
220V 17.5W Downlight
logo
Cree, Inc
LR4 CREE-LR4 Datasheet
424Kb / 2P
Architectural LED Downlight
LR6 CREE-LR6 Datasheet
409Kb / 2P
LED Downlight
LR6-7L-27K-GU24-E26 CREE-LR6-7L-27K-GU24-E26 Datasheet
421Kb / 2P
LED Downlight
LR6-10L-35K-120V-A-DR CREE-LR6-10L-35K-120V-A-DR Datasheet
399Kb / 2P
LED Downlight
LR6-18L-35K-120V-A-DR CREE-LR6-18L-35K-120V-A-DR Datasheet
397Kb / 2P
LED Downlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com