Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPOTCLIPII Datasheet(PDF) 2 Page - HellermannTyton.

Part # SPOTCLIPII
Description  Downlight Covers - For Residential Buildings
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

SPOTCLIPII Datasheet(HTML) 2 Page - HellermannTyton.

  SPOTCLIPII Datasheet HTML 1Page - HellermannTyton. SPOTCLIPII Datasheet HTML 2Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
423
4.4
Further information at www.HellermannTyton.co.uk/installation
Electrical Installation
Downlight Covers
Features and benefits
• SpotClip-II has been developed for bulbs up to 95 mm height
• Ensures safety distance between downlight, damp-proof foil and
insulation material
• Flexible installation during or after construction
• Additional spikes at the end of the legs prevent SpotClip shifting
• Suitable for fixing into holes from 62 - 90 mm diameter
• Remains rigid even at higher temperatures
• Flame retardant material according to UL94-V0
• Improves life span and reliability of lamps
• Tested according to EN 60598-1, EN 60598-2-2, and NF C 15100
Downlight Covers - For Residential Buildings
SpotClip-II
1. Use the delivered tool to install
SpotClip-II in the fixing hole as easy
as possible.
2. Push the spikes into the
plasterboard to prevent shifting and
disconnect the tool.
Retaining spikes and support wings hold SpotClip-II in the required position.
3. Start the installation of the
downlight in a safe way.
SpotClip-I and SpotClip-II for maximum downlight heights of 70 mm and 95 mm
respectively.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com