Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7699BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7699BCPZ
Description  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD7699BCPZ Datasheet HTML 1Page - Analog Devices AD7699BCPZ Datasheet HTML 2Page - Analog Devices AD7699BCPZ Datasheet HTML 3Page - Analog Devices AD7699BCPZ Datasheet HTML 4Page - Analog Devices AD7699BCPZ Datasheet HTML 5Page - Analog Devices AD7699BCPZ Datasheet HTML 6Page - Analog Devices AD7699BCPZ Datasheet HTML 7Page - Analog Devices AD7699BCPZ Datasheet HTML 8Page - Analog Devices AD7699BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
16-Bit, 8-Channel,
500 kSPS PulSAR ADC
Data Sheet
AD7699
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
16-bit resolution with no missing codes
8-channel multiplexer with choice of inputs
Unipolar single-ended
Differential (GND sense)
Pseudo bipolar
Throughput: 500 kSPS
INL: ±0.5 LSB typical, ±1.5 LSB maximum (±23 ppm or FSR)
Dynamic range: 93.3 dB
SINAD: 91.5 dB at 20 kHz
THD: −97 dB at 20 kHz
Analog input range: 0 V to VREF with VREF up to VDD
Multiple reference types
Internal 4.096 V
External buffered (up to 4.096 V)
External (up to VDD)
Internal temperature sensor
Channel sequencer, selectable 1-pole filter, busy indicator
No pipeline delay, SAR architecture
Single-supply 5 V operation with
1.8 V to 5 V logic interface
Serial interface compatible with SPI, MICROWIRE,
QSPI, and DSP
Power dissipation
26 mW at 500 kSPS
5.2 μW at 100 SPS
Standby current: 50 nA
20-lead 4 mm × 4 mm LFCSP package
20-lead 2.4 mm × 2.4 mm WLCSP package
APPLICATIONS
Battery-powered equipment
Medical instruments: ECG/EKG
Mobile communications: GPS
Personal digital assistants
Power line monitoring
Data acquisition
Seismic data acquisition systems
Instrumentation
Process control
FUNCTIONAL BLOCK DIAGRAM
AD7699
REF
GND
VDD
VIO
DIN
SCK
SDO
CNV
1.8V
TO
VDD
5V
SEQUENCER
SPI SERIAL
INTERFACE
MUX
16-BIT SAR
ADC
BAND GAP
REF
TEMP
SENSOR
REFIN
IN0
IN1
IN4
IN5
IN6
IN7
IN3
IN2
COM
0.5V TO VDD
10µF
ONE-POLE
LPF
0.5V TO 4.096V
0.1µF
Figure 1.
Table 1. Multichannel 14-/16-Bit PulSAR® ADC
Type
Channels
250 kSPS
500 kSPS
ADC Driver
14-Bit
8
AD7949
ADA4841-1
16-Bit
4
AD7682
ADA4841-1
16-Bit
8
AD7689
AD7699
ADA4841-1
GENERAL DESCRIPTION
The AD7699 is an 8-channel, 16-bit, charge redistribution
successive approximation register (SAR) analog-to-digital
converter (ADC) that operates from a single power supply, VDD.
The AD7699 contains all components for use in a multichannel,
low power data acquisition system, including a true 16-bit SAR
ADC with no missing codes; an 8-channel low crosstalk multip-
lexer useful for configuring the inputs as single-ended (with or
without ground sense), differential, or bipolar; an internal 4.096 V
low drift reference and buffer; a temperature sensor; a selectable
one-pole filter; and a sequencer that is useful when channels are
continuously scanned in order.
The AD7699 uses a simple serial port interface (SPI) for writing
to the configuration register and receiving conversion results.
The SPI interface uses a separate supply, VIO, which is set to the
host logic level. Power dissipation scales with throughput.
The AD7699 is housed in a tiny 20-lead LFCSP and a 20-ball
WLCSP with operation specified from −40°C to +85°C.


Similar Part No. - AD7699BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7699BCPZ AD-AD7699BCPZ Datasheet
542Kb / 28P
16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7699BCPZRL7 AD-AD7699BCPZRL7 Datasheet
542Kb / 28P
16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
More results

Similar Description - AD7699BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7682 AD-AD7682 Datasheet
826Kb / 28P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7699 AD-AD7699 Datasheet
542Kb / 28P
16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7686BRM AD-AD7686BRM Datasheet
611Kb / 28P
16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
EVAL-AD7689EDZ AD-EVAL-AD7689EDZ Datasheet
1Mb / 32P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. D
AD7652 AD-AD7652_15 Datasheet
804Kb / 28P
16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
REV. 0
AD7686 AD-AD7686_15 Datasheet
507Kb / 28P
16-Bit, 500 kSPS PulSAR
REV. C
AD7686 AD-AD7686 Datasheet
566Kb / 29P
16-Bit, 500 kSPS PulSAR ADC in MSOP
8/14- Rev. B to Rev. C
AD7652 AD-AD7652 Datasheet
790Kb / 29P
16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
0
AD7666 AD-AD7666 Datasheet
560Kb / 29P
16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
0
AD7655 AD-AD7655_17 Datasheet
593Kb / 27P
Low Cost, 4-Channel, 16-Bit, 500 kSPS PulSAR ADC
E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com