Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G74GD Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G74GD
Description  Single D-type flip-flop with set and reset; positive edge trigger
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G74GD Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC1G74GD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1.
General description
The 74LVC1G74 is a single positive edge triggered D-type flip-flop with individual data (D)
inputs, clock (CP) inputs, set (SD) and reset (RD) inputs, and complementary Q and Q
outputs.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing damaging backflow current through the device
when it is powered down.
The set and reset are asynchronous active LOW inputs and operate independently of the
clock input. Information on the data input is transferred to the Q output on the
LOW-to-HIGH transition of the clock pulse. The D inputs must be stable one set-up time
prior to the LOW-to-HIGH clock transition for predictable operation.
Schmitt trigger action at all inputs makes the circuit highly tolerant of slower input rise and
fall times.
2.
Features and benefits
 Wide supply voltage range from 1.65 V to 5.5 V
 5 V tolerant inputs for interfacing with 5 V logic
 High noise immunity
 Complies with JEDEC standard:
 JESD8-7 (1.65 V to 1.95 V)
 JESD8-5 (2.3 V to 2.7 V)
 JESD8-B/JESD36 (2.7 V to 3.6 V)
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
24 mA output drive (V
CC =3.0 V)
 CMOS low power consumption
 Latch-up performance exceeds 250 mA
 Direct interface with TTL levels
 Inputs accept voltages up to 5 V
 Multiple package options
 Specified from
40 Cto+85 C and 40 Cto+125 C
74LVC1G74
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 13 — 5 December 2016
Product data sheet


Similar Part No. - 74LVC1G74GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G74GD NXP-74LVC1G74GD Datasheet
549Kb / 21P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC1G74GD NXP-74LVC1G74GD Datasheet
549Kb / 21P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC1G74GD NXP-74LVC1G74GD Datasheet
202Kb / 25P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
74LVC1G74GD PHILIPS-74LVC1G74GD Datasheet
166Kb / 25P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 10-2 December 2011
74LVC1G74GD.125 NXP-74LVC1G74GD.125 Datasheet
299Kb / 25P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 12-2 April 2013
More results

Similar Description - 74LVC1G74GD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G74 PHILIPS-74LVC1G74 Datasheet
112Kb / 19P
Single D-type flip-flop with set and reset; positive edge trigger
2005 Feb 01
74LVC2G74 PHILIPS-74LVC2G74 Datasheet
100Kb / 20P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 01-3 November 2005
74LVC1G74 NXP-74LVC1G74 Datasheet
103Kb / 19P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 11-4 June 2012
74LVC2G74 NXP-74LVC2G74 Datasheet
104Kb / 19P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 03-9 August 2007
74LVC1G74 NXP-74LVC1G74_09 Datasheet
549Kb / 21P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC1G74 NXP-74LVC1G74_09 Datasheet
549Kb / 21P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 08-3 December 2009
74LVC1G74 NXP-74LVC1G74_10 Datasheet
202Kb / 25P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
74LVC1G74DC.125 NXP-74LVC1G74DC.125 Datasheet
299Kb / 25P
Single D-type flip-flop with set and reset; positive edge trigger
Rev. 12-2 April 2013
logo
Nexperia B.V. All right...
74LVC2G74-Q100 NEXPERIA-74LVC2G74-Q100 Datasheet
231Kb / 15P
Single D-type flip-flop with set and reset; positive edge trigger
74LVC1G74-Q100 NEXPERIA-74LVC1G74-Q100 Datasheet
245Kb / 16P
Single D-type flip-flop with set and reset; positive edge trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com