Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G74GD Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G74GD
Description  Single D-type flip-flop with set and reset; positive edge trigger
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G74GD Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G74GD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC1G74GD Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
74LVC1G74
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 13 — 5 December 2016
13 of 25
NXP Semiconductors
74LVC1G74
Single D-type flip-flop with set and reset; positive edge trigger
Test data is given in Table 11.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 10. Test circuit for measuring switching times
Table 11.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
1.65 V to 1.95 V
VCC
 2.0ns
30pF
1k
open
GND
2VCC
2.3 V to 2.7 V
VCC
 2.0 ns
30 pF
500
open
GND
2VCC
2.7 V
2.7 V
 2.5 ns
50 pF
500
open
GND
6 V
3.0 V to 3.6 V
2.7 V
 2.5 ns
50 pF
500
open
GND
6 V
4.5 V to 5.5 V
VCC
 2.5 ns
50 pF
500
open
GND
2VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com