Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G74GS Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G74GS
Description  Single D-type flip-flop with set and reset; positive edge trigger
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G74GS Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G74GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G74GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G74GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G74GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G74GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G74GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G74GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G74GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G74GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
74LVC1G74
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 13 — 5 December 2016
10 of 25
NXP Semiconductors
74LVC1G74
Single D-type flip-flop with set and reset; positive edge trigger
[1]
Typical values are measured at Tamb =25 C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
trec
recovery time
SD or RD; see Figure 9
VCC = 1.65 V to 1.95 V
1.9
-
-
1.9
-
ns
VCC = 2.3 V to 2.7 V
1.4
-
-
1.4
-
ns
VCC = 2.7 V
1.3
-
-
1.3
-
ns
VCC = 3.0 V to 3.6 V
+1.2
3.0
-
+1.2
-
ns
VCC = 4.5 V to 5.5 V
1.0
-
-
1.0
-
ns
tsu
set-up time
D to CP; see Figure 8
VCC = 1.65 V to 1.95 V
2.9
-
-
2.9
-
ns
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
ns
VCC = 2.7 V
1.7
-
-
1.7
-
ns
VCC = 3.0 V to 3.6 V
1.3
0.5
-
1.3
-
ns
VCC = 4.5 V to 5.5 V
1.1
-
-
1.1
-
ns
th
hold time
D to CP; see Figure 8
VCC = 1.65 V to 1.95 V
1.5
-
-
1.5
-
ns
VCC = 2.3 V to 2.7 V
1.0
-
-
1.0
-
ns
VCC = 2.7 V
1.0
-
-
1.0
-
ns
VCC = 3.0 V to 3.6 V
1.0
0.6
-
1.0
-
ns
VCC = 4.5 V to 5.5 V
1.0
-
-
1.0
-
ns
fmax
maximum
frequency
CP; see Figure 8
VCC = 1.65 V to 1.95 V
80
-
-
80
-
MHz
VCC = 2.3 V to 2.7 V
175
-
-
175
-
MHz
VCC = 2.7 V
175
-
-
175
-
MHz
VCC = 3.0 V to 3.6 V
175
280
-
175
-
MHz
VCC = 4.5 V to 5.5 V
200
-
-
200
-
MHz
CPD
power dissipation
capacitance
VI = GND to VCC;
VCC =3.3 V
[3]
-15-
-
-
pF
Table 9.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 10.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com