Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT75 Datasheet(PDF) 2 Page - Analog Devices

Part # ADT75
Description  10BASE-T1L Field Device Development Platform with Class 12 and 13 SPoE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75 Datasheet(HTML) 2 Page - Analog Devices

  ADT75 Datasheet HTML 1Page - Analog Devices ADT75 Datasheet HTML 2Page - Analog Devices ADT75 Datasheet HTML 3Page - Analog Devices ADT75 Datasheet HTML 4Page - Analog Devices ADT75 Datasheet HTML 5Page - Analog Devices ADT75 Datasheet HTML 6Page - Analog Devices ADT75 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Circuit Note
CN-0575
analog.com
Rev. 0 | 2 of 7
CIRCUIT DESCRIPTION
FIELD DEVICES
10BASE-T1L is one of the physical layer device (PHY) specifica-
tions used in single pair Ethernet that provides a 10 Mbps Ethernet
connection over a single twisted pair, up to a length of 1 km. It was
defined and developed to be a migration path for the many open
and proprietary Fieldbus variants used in process automation such
as HART, IO-Link, and Modbus. This allows field instruments and
remote I/O devices (for example, sensors, actuators, cameras, ma-
chines) to seamlessly communicate with high level control systems
via Ethernet. 10BASE-T1L also supports power delivery via SPoE
for high power applications, with power levels from 1.23 W at 24 V
to 52 W at 54 V.
The CN0575 is a platform for developing Ethernet-capable field de-
vices and applications. Raspberry Pi and Linux provide a rich pro-
totyping and development environment with support for precision
data converters, temperature, pressure, flow, acceleration, angular
rate sensors, actuators, displays, and I/O devices. This allows a
wide variety of field devices to be prototyped and later migrated
to a more optimal controller and power solution for the particular
application.
MEDIUM DEPENDENT INTERFACE
The single pair Ethernet (SPE) cable, power coupling, filtering, and
data coupling network to the MAC-PHY forms the medium depend-
ent interface (MDI) of the CN0575. For 10BASE-T1L systems that
support SPoE, this circuit is usually comprised of a mechanical
connector, common-mode and differential-mode interface chokes,
coupling capacitors, and data isolation transformers. Figure 2
shows a simplified diagram of the MDI used in the CN0575. Proper
selection of the MDI components is critical to minimize losses and
to preserve the integrity of the data signals.
Figure 2. CN0575 Medium Dependent Interface Circuit
The common-mode choke (CMC) in the MDI suppresses common-
mode noise that may be coupled into the SPE cable from the envi-
ronment, while passing the differential data and power. As such, it
is important to select a device that has a high common-mode impe-
dance and a low differential-mode impedance in the 10BASE-T1L
frequency range (0.1 MHz to 20 MHz). Since the common-mode
choke is placed in series with the SPE cable, the device must be
rated to handle the maximum cable current specified for the PD
class being used (that is, 632 mA for Class 12; and 231 mA for
Class 13).
The core capability of the 10BASE-T1L is a full duplex, DC bal-
anced, point-to-point communication scheme with pulse-amplitude
modulation 3 (PAM-3) at a 7.5 MBd symbol rate with 4B3T coding.
It supports two amplitude modes: 2.4 V peak-to-peak for a cable
up to 1000 meters and 1.0 V peak-to-peak at a reduced distance.
Power and data are separated via inductive (DC) coupling and
transformer (AC) coupling, respectively. SPoE power is extracted
by a differential mode coupled inductor (DMI). Similar to the com-
mon-mode choke, it must also have a maximum current rating
appropriate for the PD class in use, and low DC resistance to
minimize power loss. Data is coupled to the PHY by an isolation
transformer.
The isolation transformer's inductance is in parallel with the DMI's
inductance; the total inductance must be high enough to avoid
significant loading at frequencies of 7.5 MHz and higher. The IEEE
802.3dd-2022 amendment specifies a maximum signal droop of
25%. The DMI inductance in the CN0575 is 220 µH and the
isolation transformer's inductance is 2200 µH, or 200 µH total. This
results in a maximum droop of 10%, maintaining signal integrity and
easily meeting the 25% specification.
10BASE-T1L MAC-PHY CIRCUIT
The ADIN1110 provides the 10 Mbps, full-duplex, single-pair Ether-
net connectivity in the CN0575. As shown in Figure 3, this device
combines a 10BASE-T1L PHY and its associated subsystems with
an Ethernet MAC that can directly communicate with the host
processor via SPI. This allows the ADIN1110 to be used with low
power processors that have no built-in MAC. The SPI bus can
operate up to 25 MHz, enabling the full 10 Mbps bandwidth of the
10BASE-T1L interface, with margin.
Figure 3. ADIN1110 Functional Block Diagram
The MDI pins, TXP, TXN, RXP, and RXN, connect the ADIN1110
PHY to the Ethernet network via the 10BASE-T1L cable. For proper
operation of the ADIN1110, an external hybrid must be placed
between these pins and the cable coupling network. Figure 4 shows
the required topology and values specified in the ADIN1110 data
sheet for this hybrid.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com