Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT75 Datasheet(PDF) 3 Page - Analog Devices

Part # ADT75
Description  10BASE-T1L Field Device Development Platform with Class 12 and 13 SPoE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT75 Datasheet(HTML) 3 Page - Analog Devices

  ADT75 Datasheet HTML 1Page - Analog Devices ADT75 Datasheet HTML 2Page - Analog Devices ADT75 Datasheet HTML 3Page - Analog Devices ADT75 Datasheet HTML 4Page - Analog Devices ADT75 Datasheet HTML 5Page - Analog Devices ADT75 Datasheet HTML 6Page - Analog Devices ADT75 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Circuit Note
CN-0575
analog.com
Rev. 0 | 3 of 7
Figure 4. External ADIN1110 Hybrid
The ADIN1110 has four supply domains that power the different
sections of its internal circuitry, and their connections may vary
based on the requirements of the application. AVDD_H and
AVDD_L can be set to either 3.3 V or 1.8 V depending on
the transmit level mode that needs to be supported, and VDDIO
must be set to the SPI voltage level used by the host processor.
DVDS_1P1 should normally be shorted to the output of the internal
low dropout (LDO) regulator, but can be connected to an external
supply instead for better power efficiency in systems with multiple
ADIN1110 devices.
In CN0575, AVDD_H, AVDD_L and VDDIO are all tied to 3.3 V,
while DVDD_1P1 is connected to the output of the internal LDO
regulator. This configuration eliminates the need to include addition-
al LDO regulators, while at the same time allowing the ADIN1110
PHY to support both 2.4 VP-P and 1.0 VP-P transmit level modes in
the 10BASE-T1L link.
The ADIN1110 requires a 25 MHz reference signal to generate the
different internal clocks needed for its operation. In CN0575, this
signal is produced by a 25 MHz crystal with a tolerance rating of
±10 ppm, a stability rating of ±20 ppm, a maximum ESR of 50 Ω,
a maximum drive level of 100 μW, and a load capacitance rating of
10 pF well within the requirements of the ADIN1110. Refer to the
ADIN1110 data sheet for details.
CONFIGURING THE 10BASE-T1L MAC-PHY
An autonegotiation process is defined in the IEEE 802.3-2022
standard to bring up and link with another 10BASE-T1L device.
This handshaking mechanism enables the ADIN1110 and its link
partner to advertise their Ethernet capabilities, compare them, and
then identify the best operating mode that both devices can sup-
port. For a 10BASE-T1L link, one of the parameters that both PHYs
need to agree on is the transmit level. Typically, a 10BASE-T1L
link uses the standard 1.0 VP-P level; the higher 2.4 VP-P level
can only be used if at least one PHY requests for it and both
devices advertise capability of supporting its operation. By default,
the CN0575 advertises support for both transmit levels.
Autonegotiation also allows the ADIN1110 PHY and its link partner
to establish their controller/peripheral relationship. During this proc-
ess, the two PHYs advertise their preferred modes and compare
them. If their preferences are different, the PHYs are configured
accordingly. Otherwise, the controller and peripheral assignments
will be randomly assigned.
For the ADIN1110, the default advertised controller/peripheral pref-
erence during autonegotiation is determined by the logic level of the
TS_TIMER/MS_SEL pin, which is normally held at logic low by an
internal pull-down resistor.
For most applications, the actual controller/peripheral configuration
of the two devices is unimportant. Similar to how a 2.4 VP-P transmit
level operation is requested, the ADIN1110 PHY can be forced
to use its preferred controller/peripheral by setting the appropriate
bit in the 10BASE-T1L autonegotiation advertisement register, if
needed. In this case, the link partner is configured into the opposite
mode during the autonegotiation process. It should be noted that
if the link partner is set up such that it is forced to use the
same controller/peripheral configuration, then a fault occurs, and
the autonegotiation process fails.
The ADIN1110 PHY can be reconfigured to advertise a different
transmit level capability and controller/peripheral configuration pref-
erence if the default settings do not meet the application require-
ments. To do this, the following procedure should be done prior to
bringing up a link:
►
Place the ADIN1110 into software power-down mode using the
software power-down control register.
►
Access the PHY registers via the MDIO access registers to
produce the desired configuration.
►
Exit software power-down mode to initiate autonegotiation.
The ADIN1110 can also be placed immediately into software pow-
er-down mode after a reset operation by pulling the SWPD_EN
pin high. For added flexibility, the CN0575 allows the user to
select the software power down mode. This provides an easy way
to implement or skip software power-down as needed. For more
details on the ADIN1110 registers, refer to the device data sheet.
Table 1 summarizes how to select the initial operating mode of the
ADIN1110 PHY core using the different mode selection pins. The
CN0575's default configuration maximizes the compatibility with
most controller configurations.
Table 1. ADIN1110 Operating Mode Configuration
ADIN1110 Pin
Logic Level
Operating Mode
TX2P4_EN
High
Only 1.0 VP-P transmit level is supported.
Low
Both 1.0 VP-P and 2.4 VP-P transmit levels are
supported. Default for CN0575.
TS_TIMER/
MS_SEL
High
PHY prefers to be configured as a controller
device.
Low
PHY prefers to be configured as a peripheral
device. Default for CN0575.
SWPD_EN
High
PHY immediately starts autonegotiation after
reset.
Low
PHY enters software power-down mode after
reset. Default for CN0575.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com