| Electronic Components Datasheet Search |
|
T024X000FJT Datasheet(PDF) 33 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
T024X000FJT Datasheet(HTML) 33 Page - PANDUIT CORP. |
|
33 / 36 page ![]() Contact Technical Support at 866.871.4571. 33 Easy-Mark Plus™ Labeling Software CAD-Connect™ Labeling Software • Powerful, easy-to-use, and affordable software that provides innovative features and functionality to address unique labeling needs • Quickly create simple or complex labels with text boxes, lines, frames, or tables, and other useful tools • Design detailed labels with multiple zones and objects for applications such as rating plates, arc flash labels, and fiber optic enclosures • Simple user interface shows labels on the screen as they will be printed • Create and print labels using QR codes, or any of the other 21 included barcode symbologies • Upgrades available at http://www.panduit.com/emp System Requirements: • 300 MB hard drive space and 2 GB Memory • Windows XP, Vista, 7, 8, 8.1 or 10 • 32 or 64 bit operating systems • Microsoft.NET Framework 2.0 or higher • Mouse or compatible pointing device • Keyboard • Optical Disc Drive or USB Port • Facilitates quick and easy organization of identifiers from CAD for printing within Easy-Mark Plus™ Labeling Software • Easily captures and organizes CAD data for future use and documentation • Saves time and reduces errors by utilizing identifiers previously created in CAD files to eliminate manual entry of data into labeling software • Compatible with full versions of AutoCAD* 2002 to 2017 and Visio version 2002 or newer • Exports to alternative formats such as Excel^ (XLS) or Text (CSV) files for future use and documentation • Upgrades available at www.panduit.com System Requirements: • 64 MB hard drive space and 64 MB RAM (256 MB RAM recommended) • Windows 2000, XP, Vista, 7, 8, 8.1 or 10 • 32 or 64 bit operating systems • Microsoft.NET Framework 2.0 or higher • Mouse or compatible pointing device • Keyboard • Optical Disc Drive ^Visio, Windows and EXCEL are registered trademarks of Microsoft Corp. in the United States and/or other countries. *AutoCAD is a registered trademark of Autodesk, Inc. Part Number Color Std Pkg. Qty Std. Ctn. Qty. PROG-CCCD CAD-Connect ™ Labeling Software, including Easy-Mark Plus™ Labeling Software, CD-ROM. 1 10 ^Windows is a registered trademark of Microsoft Corp. in the United States and/or other countries. Part Number Description Std Pkg. Qty Std. Ctn. Qty. EMPLUS-CD Easy-Mark Plus™ Labeling Software, CD-ROM. 1 10 EMPLUS-DL Easy-Mark Plus™ Labeling Software, online download. EMPLUS-2GO Easy-Mark Plus™ Portable Application, USB flash drive. EMPLUS-SERVER Easy-Mark Plus™ Labeling Software, networkable server based version. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |