Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T024X000FJT Datasheet(PDF) 20 Page - PANDUIT CORP.

Part # T024X000FJT
Description  Turn-Tell Labels
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

T024X000FJT Datasheet(HTML) 20 Page - PANDUIT CORP.

Back Button T024X000FJT Datasheet HTML 16Page - PANDUIT CORP. T024X000FJT Datasheet HTML 17Page - PANDUIT CORP. T024X000FJT Datasheet HTML 18Page - PANDUIT CORP. T024X000FJT Datasheet HTML 19Page - PANDUIT CORP. T024X000FJT Datasheet HTML 20Page - PANDUIT CORP. T024X000FJT Datasheet HTML 21Page - PANDUIT CORP. T024X000FJT Datasheet HTML 22Page - PANDUIT CORP. T024X000FJT Datasheet HTML 23Page - PANDUIT CORP. T024X000FJT Datasheet HTML 24Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Representative offering only, visit www.panduit.com/ID for complete listing of products.
20
Raised Panel Component Over-Laminate Labels
Raised Panel Pre-Printed Emergency Stop Labels
Order number of labels required in multiples of Standard Package Quantity.
• Provide additional print protection in harsh environments
• Over-laminates are not printable
• Temperature range: -51°F to 275°F (-46°C to 135°C)
• Deliver the look of engraved laminated plates with the
convenience of printing on demand
• Strong holding power for rough, textured, and
powder-coated surfaces
• Meets DIN 40050-9, IP69K for washdown applications
• Temperature range: -40°F to 212°F (-40°C to 100°C)
• UL969 recognized, File # MH14576; cUL recognized C22.2 No.
0.15.01, File # MH14576
Order number of labels required in multiples of Standard Package Quantity.
Part Number
Color
Diameter
Hole
Diameter
Std.
Pkg.
Qty.
In.
mm
In.
mm
C235A8-30-ES
Black on Yellow
2.35
60.0
1.18
30.0
25
C235AW-30-ES
White on Red
C350A8-30-ES
Black on Yellow
3.50
89.0
C350AW-30-ES
White on Red
Part Number
Color
Width
Height
Labels
Per
Roll
Std.
Pkg.
Qty.
In.
mm
In.
mm
C100X050YK
Clear
1.00
25.4
0.50
12.7
1
500
C170X090YK
1.70
43.2
0.90
22.9
C200X100YK
2.00
50.8
1.00
25.4
C300X100YK
3.00
76.2
1.00
25.4
C300X250YK
2.50
63.5
C350X300YK
3.50
88.9
3.00
76.2
C400X100YK
4.00
101.6
1.00
25.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com