Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC157AD Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC157AD
Description  Quad 2-input multiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC157AD Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC157AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC157AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC157AD Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC157AD Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC157AD Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC157AD Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC157AD Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC157AD Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC157AD Datasheet HTML 17Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC157A
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 7 — 25 November 2011
13 of 17
Nexperia
74LVC157A
Quad 2-input multiplexer
Fig 13. Package outline SOT763-1 (DHVQFN16)
terminal 1
index area
0.5
1
A1
Eh
b
UNIT
y
e
0.2
c
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
3.6
3.4
Dh
2.15
1.85
y1
2.6
2.4
1.15
0.85
e1
2.5
0.30
0.18
0.05
0.00
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT763-1
MO-241
- - -
- - -
0.5
0.3
L
0.1
v
0.05
w
0
2.5
5 mm
scale
SOT763-1
DHVQFN16: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads;
16 terminals; body 2.5 x 3.5 x 0.85 mm
A(1)
max.
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
27
15
10
9
8
1
16
X
D
E
C
B
A
terminal 1
index area
A
C
C
B
v M
w M
E(1)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
D(1)
02-10-17
03-01-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com