Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC157AD Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC157AD
Description  Quad 2-input multiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC157AD Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC157AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC157AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC157AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC157AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC157AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC157AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC157AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC157AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC157AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC157A
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 7 — 25 November 2011
2 of 17
Nexperia
74LVC157A
Quad 2-input multiplexer
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC157AD
40 Cto +125 C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74LVC157ADB
40 Cto +125 C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74LVC157APW
40 Cto +125 C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74LVC157ABQ
40 Cto +125 C
DHVQFN16 plastic dual In-line compatible thermal enhanced very
thin quad flat package; no leads; 16 terminals;
body 2.5
 3.5  0.85 mm
SOT763-1
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna481
S
1
15
12
9
7
4
13
14
10
11
6
5
3
2
E
1Y
1I1
1I0
2Y
2I1
2I0
3Y
3I1
3I0
4Y
4I1
4I0
mna482
12
9
7
1
G1
15
EN
1
MUX
1
4
13
14
10
11
6
5
3
2
Fig 3.
Functional diagram
mna483
MULTIPLEXER
OUTPUTS
SELECTOR
1Y
2Y
3Y
4Y
12
9
7
4
S
13
15
1
14
10
11
6
5
3
2
E
1I0
1I1
2I0
2I1
3I0
3I1
4I0
4I1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com