Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD502B1 Datasheet(PDF) 90 Page - STMicroelectronics

Part # PSD502B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD502B1 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button PSD502B1 Datasheet HTML 86Page - STMicroelectronics PSD502B1 Datasheet HTML 87Page - STMicroelectronics PSD502B1 Datasheet HTML 88Page - STMicroelectronics PSD502B1 Datasheet HTML 89Page - STMicroelectronics PSD502B1 Datasheet HTML 90Page - STMicroelectronics PSD502B1 Datasheet HTML 91Page - STMicroelectronics PSD502B1 Datasheet HTML 92Page - STMicroelectronics PSD502B1 Datasheet HTML 93Page - STMicroelectronics PSD502B1 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 153 page
background image
PSD5XX Family
87
9.6.2.3 Configuring the Mode of Operation of the Counter/Timers:
Using the GLOBAL MODE bit of the Global Command register and MODE SELECT bit of
the Command register of Counter/Timers 0 – 3, individual Counter/Timer modes of operation
can be set up. Refer to Table 24. Notice that all the Counter/Timers can either operate in
Waveform/Pulse or Event Count/Time Capture modes, but not in all four modes at the same
time.
Counter/Timer
Registers
(Cont.)
Mode Select Bit
Global Mode Bit
(Command
Modes
Modes
(Global Command
Registers of
of
of
Register)
Counter/Timers
Counter/Timers
Counter/Timer2
0 – 3 CMD0, CMD1,
0, 1 and 3
CMD2 and CMD3)
0
0
Waveform
Waveform or
WatchDog
0
1
Pulse
Pulse or
WatchDog
1
0
Event Counter
WatchDog Only
1
1
Time Capture
WatchDog Only
9.6.2.4 Freeze Command Register
When a Microcontroller needs to access the contents of the Image Registers (IMG0-IMG3)
it does so by first setting the Command Register Freeze bit in order to disable the timer
state-machine accesses of the Image Register. The Microcontroller waits for the Freeze
Acknowledge bit in the Counter/Timer Status Register to be set to 1 and then it accesses
the Image Register as an address location. The freeze acknowledge signal effectively guar-
antees stable Image Register data during Microcontroller read/write cycles even though the
Counter/Timer continues to count. The Freeze Acknowledge bit gets cleared after the
negation of Freeze. The Freeze Command bits are set and cleared by the microcontroller
software.
The Freeze Command Register and the software Load/Store Register should not be set at
the same time. It is recommended that the registers be accessed individually.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
*
***
Freeze
Freeze
Freeze
Freeze
CTU3
CTU2
CTU1
CTU0
NOTE: * = Not used.
Table 24. Counter/Timer Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com