| Electronic Components Datasheet Search |
|
PSD502B1 Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD502B1 Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 153 page ![]() PSD5XX Family 11 9.0 The PSD5XX Architecture PSD5XX consists of seven major functional blocks: t ZPLD Blocks t Bus Interface t I/O Ports t Memory Block t Power Management Unit t Counter/Timer t Interrupt Controller The functions of each block are described in the following sections. Many of the blocks perform multiple functions, and are user configurable. The chip configurations are specified by the user in the PSDsoft Development Software; some are specified by setting up the appropriate bits in the configuration registers during run time. 9.1 ZPLD Block Key Features t 3 Embedded ZPLD devices t Maximum 30 macrocells t Combinatorial/registered outputs t Maximum 140 product terms t Programmable output polarity t User configured register clear/preset t User configured register clock input t 61 Inputs t Accessible via 24 I/O pins t Power Saving Mode t UV-Erasable t Generate user defined interrupts to Interrupt Controller and controls to Counter/ Timer General Description The ZPLD block has 3 embedded PLD devices: t DPLD The Address Decoding PLD, generating select signals to internal I/O or memory blocks. t GPLD The General Purpose PLD provides 24 programmable macrocells for general or complex logic implementation; dedicated to user application. t PPLD The Peripheral PLD, includes 6 programmable macrocells. The PPLD provides control to the operation of the Counter/Timer and Interrupt Controller. Figure 4 shows the architecture of the ZPLD. The PLD devices all share the same input bus. The true or complement of the 61 input signals are fed to the programmable AND-ARRAY. Names and source of the input signals are shown in Table 3. The PA, PB, PE signals, depending on user configuration, can either be macrocell feedbacks or inputs from Port A, B or E. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |