| Electronic Components Datasheet Search |
|
PSD502B1 Datasheet(PDF) 101 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD502B1 Datasheet(HTML) 101 Page - STMicroelectronics |
|
101 / 153 page ![]() PSD5XX Family 98 Interrupt Operation (Cont.) 9.7.1.1 Command Registers All the eight interrupts can be individually masked using a mask register. Writing “ones” into these mask bits enables the associated interrupts. RESET masks all interrupts. Interrupts can also be defined as either LEVEL sensitive or EDGE sensitive using a sensitivity bit in the interrupt edge/level sensitivity select register. Tables 29 and 29a give the address map for various port and interrupt Command/Status Registers. This address offset map is of the host processor, relative to the CSIOP (Chip Select Input Output Port) i.e., address space allocated by the host Microcontroller to access all the PSD embedded peripherals. Address Register Name Address Register Name Offset Offset +D4h Interrupt Read Clear +D3h Interrupt Mask +D2h Interrupt Edge/Level Select +D1h Interrupt Request Latch +D0h Interrupt Priority Status Table 29. Offset Address Map of Interrupt Registers Address Register Name Address Register Name Offset Offset +D5h Interrupt Read Clear +D2h Interrupt Mask +D3h Interrupt Edge/Level Select +D0h Interrupt Request Latch +D1h Interrupt Priority Status Table 29a. Offset Address Map of Interrupt Registers (For 16-Bit Motorola MCUs in 16-Bit Mode. If 8-Bit Mode is selected, use Table 29.) Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Mask7 Mask6 Mask5 Mask4 Mask3 Mask2 Mask1 Mask0 Interrupt Mask Register Bits mask 0 ... mask 7 correspond to interrupt 0 ... interrupt 7. When these bits are set to 1 = Unmasked 0 = Masked At RESET these bits initialize as 0 and all interrupts are masked. The Interrupt Registers listed in Tables 29 and 29a are described below. Interrupt Controller (Cont.) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |